Electronic Components Datasheet Search
  English  ▼

X  

MS-AJ2 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # MS-AJ2
Description  Universal Sensor Mounting Stand
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MS-AJ2 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  MS-AJ2 Datasheet HTML 1Page - Panasonic Semiconductor MS-AJ2 Datasheet HTML 2Page - Panasonic Semiconductor MS-AJ2 Datasheet HTML 3Page - Panasonic Semiconductor MS-AJ2 Datasheet HTML 4Page - Panasonic Semiconductor MS-AJ2 Datasheet HTML 5Page - Panasonic Semiconductor MS-AJ2 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
955 UniversalSensorMountingStandMS-AJSERIES
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Sensor
Mounting
Stand
Sensor
Checker
Sensor
Controller
Other
Products
MS-AJ
PRECAUTIONS FOR PROPER USE
Mounting
• To mount the universal sensor mounting stand on your
equipment, use M6 screws. The tightening torque should
be 2.0 Nm or less.
Mounting on horizontal plane
Mounting on vertical plane
M6 screws
Conveyor
line
M6 screws
Conveyor
line
Adjustment
• Arm, attachment, base
and arm joint can be
adjusted as shown by the
arrows in the right figure by
loosening the M4 hexagon-
socket-head bolts.
• After the adjustment, the
tightening torque of the M4
hexagon-socket-head bolts should be 1.2 Nm or less.
Threading cable into pipe
• When the sensor is mounted on
MS-AJ□ (basic
assembly) or on
MS-AJ□-A (lateral arm assembly), the
sensor cable can be threaded through the pipe. However,
do not thread the fiber cable through the pipe when a
fiber head is mounted on
MS-AJ□-F (assembly for fiber).
Others
<Correct>
<Incorrect>
• Do not apply excessive force on any part of the universal
sensor mounting stand.
• When using this stand, take care that excessive vibration
is not applied to the sensor.
M4 hexagon-socket-
head bolts
M4 hexagon-socket-
head bolts
MS-AJ1
MS-AJ2
Note: The dimensions in the brackets indicate the adjustable range of the
movable part.
Note: The dimensions in the brackets indicate the adjustable range of the
movable part.
DIMENSIONS (Unit: mm in)
The CAD data can be downloaded from our website.
20
0.787
1 0.039
20
0.787
1
0.039
20
0.787
25
0.984
33
1.299
17.8
0.701 12
0.472
11.8
0.465
(44.5)
(1.752)
(218)
(8.583)
(147)
(5.787) (Note)
28
1.102
45°
45°
t 2
t 0.079
6 0.236
20 0.787
Attachment
(Nylon 6)
2-ø3.4 ø0.134
mounting holes
2-3.2 0.126 × 4.2 0.165
elongated holes
ø10 ø0.394 pipe
[Stainless steel (SUS304)]
Sensor mounting bracket
[Stainless steel (SUS304)]
Cable guide
(POM)
4.2 0.165
25.5
1.004
10
0.394
2-ø6.6 ø0.260 mounting holes
45
1.772
32
1.260
Base
(PA)
8
0.315
18
0.709
20
0.787
28
1.102
Two M3 (length 14 mm 0.551 in) screws with
washers, two M3 (length 16 mm 0.630 in) screws
with washers, two M3 (length 18 mm 0.709 in)
screws with washers, one auxiliary mounting plate
for
EQ-20 series and one auxiliary mounting plate
for
EX-40 series are attached.
3.2
0.126
4
0.157
M4 hexagon-
socket-head
bolt
(210)
(8.268)
(36.5)
(1.437)
(147)
(5.787) (Note)
Attachment
(Nylon 6)
M4 hexagon-
socket-head
bolt
2-ø3.4 ø0.134
mounting holes
2-ø6.6 ø0.260
mounting holes
2-3.2 0.126 × 4.2 0.165
elongated holes
ø10 ø0.394 pipe
[Stainless steel (SUS304)]
Sensor mounting bracket
[Stainless steel (SUS304)]
Cable guide
(POM)
Two M3 (length 14 mm 0.551 in) screws with
washers, two M3 (length 16 mm 0.630 in) screws
with washers, two M3 (length 18 mm 0.709 in)
screws with washers, one auxiliary mounting plate
for
EQ-20 series and one auxiliary mounting plate
for
EX-40 series are attached.
32
1.260
24.5
0.965
31
1.220
15
0.591
8
0.315
46
1.811
10
0.394
20
0.787
20
0.787
1 0.039
20
0.787
1
0.039
17.8 0.701
12
0.472
11.8
0.465
20
0.787
28
1.102
45°
45°
t 2
t 0.079
6 0.236
20 0.787
4.2 0.165
3.2
0.126
20
0.787
25
0.984
33
1.299
4
0.157
Base
(PA)
Basic assembly
Basic assembly



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com