Electronic Components Datasheet Search
  English  ▼

X  

09620250541 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 09620250541
Description  Han EMC 25 Hood Side Entry PG 21
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09620250541 Datasheet(HTML) 1 Page - HARTING Technology Group

  09620250541 Datasheet HTML 1Page - HARTING Technology Group 09620250541 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
09 62 025 0541
Han EMC 25 Hood Side Entry PG 21
Han EMC 25 Hood Side Entry PG 21
Image is for illustration purposes only. Please refer to product description.
Part number
09 62 025 0541
Specification
Han EMC 25 Hood Side Entry PG 21
HARTING eCatalogue
https://b2b.harting.com/09620250541
Identification
Category
Hoods/Housings
Series of hoods/housings
Han® EMC
Type of hood/housing
Hood
Version
Locking type
Single locking lever
Size
16 A
Version
Side entry
Cable entry
1x Pg 21
Field of application
Hoods/Housings for higher EMC requirements
Technical characteristics
Limiting temperature
-40 ... +125 °C
Degree of protection acc. to IEC 60529
IP65
Type rating acc. to UL 50 / UL 50E
4
12
Material properties
Material (hood/housing)
Aluminium die-cast
Surface (hood/housing)
Uncoated
Colour (hood/housing)
Unpainted
Material (seal)
NBR
RoHS
compliant
Page 1 / 2 | Creation date 2020-03-26 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric GmbH & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 09620250541

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09620250540 HARTING-09620250540 Datasheet
466Kb / 2P
Han EMC 25 Hood Side Entry PG 16
More results

Similar Description - 09620250541

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-62-006-0541 HARTING-09-62-006-0541 Datasheet
492Kb / 2P
Han EMC 6 Hood Side Entry PG 21
09-62-010-0441 HARTING-09-62-010-0441 Datasheet
522Kb / 2P
Han EMC Hood Top Entry Pg 21
09-62-010-0541 HARTING-09-62-010-0541 Datasheet
492Kb / 2P
Han EMC 10 Hood Side Entry PG 21
09-62-010-0581 HARTING-09-62-010-0581 Datasheet
493Kb / 2P
Han EMC 10 Hood Side Entry PG 21 Central
09-62-015-0541 HARTING-09-62-015-0541 Datasheet
466Kb / 2P
Han EMC 15 Hood Side Entry PG 21
09-62-064-0540 HARTING-09-62-064-0540 Datasheet
492Kb / 2P
Han EMC 64 Hood Side Entry PG 21
09-62-040-0540 HARTING-09-62-040-0540 Datasheet
492Kb / 2P
Han EMC 40 Hood Side Entry PG 21
09-62-025-0540 HARTING-09-62-025-0540 Datasheet
466Kb / 2P
Han EMC 25 Hood Side Entry PG 16
09-62-025-0441 HARTING-09-62-025-0441 Datasheet
468Kb / 2P
Han EMC 25 Hood Top Entry PG 21
09-62-806-0542 HARTING-09-62-806-0542 Datasheet
500Kb / 2P
Han EMC/B 6 Hood Side Entry PG 21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com