Electronic Components Datasheet Search
  English  ▼

X  

TLD2132-1EP Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLD2132-1EP
Description  LITIX??Basic
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD2132-1EP Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLD2132-1EP Datasheet HTML 1Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 2Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 3Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 4Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 5Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 6Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 7Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 8Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Datasheet
2
Rev.1.10
2019-09-26
TLD2132-1EP
LITIX™ Basic+
Description
The LITIX™ Basic+ TLD2132-1EP is a single channel high-side driver IC with integrated output stage. It is
designed to control LEDs with a current up to 240 mA. In typical automotive applications the device is capable
of driving 3 red LEDs with a current up to 180 mA and even above, if not limited by the overall system thermal
properties. Practically, the output current is controlled by an external resistor or reference source,
independently from load and supply voltage changes.
Table 1
Product summary
Parameter
Symbol
Values
Operating voltage
VS(nom)
5.5 V … 40 V
Maximum voltage
VS(max)
VOUT(max)
40 V
Nominal output (load) current
IOUT(nom)
180 mA (nominal) when using the automotive
supply voltage range 8 V - 18 V. Currents up to
IOUT(max) are possible with low thermal resistance
RthJA
Maximum output (load) current
IOUT(max)
240 mA depending on RthJA
Current accuracy at RSET = 10 kΩ
KLT
900 ±5%
Current consumption in sleep mode
IS(sleep,typ)
0.1 µA
Maximum current consumption during
fault
IS(fault,ERRN)
850 µA or less when fault is detected from another
device (disabled via ERRN)
Type
Package
Marking
TLD2132-1EP
PG-TSDSO-14
TLD2132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com