Electronic Components Datasheet Search
  English  ▼

X  

EX-F71 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # EX-F71
Description  Leak Detection Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EX-F71 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button EX-F71 Datasheet HTML 2Page - Panasonic Semiconductor EX-F71 Datasheet HTML 3Page - Panasonic Semiconductor EX-F71 Datasheet HTML 4Page - Panasonic Semiconductor EX-F71 Datasheet HTML 5Page - Panasonic Semiconductor EX-F71 Datasheet HTML 6Page - Panasonic Semiconductor EX-F71 Datasheet HTML 7Page - Panasonic Semiconductor EX-F71 Datasheet HTML 8Page - Panasonic Semiconductor EX-F71 Datasheet HTML 9Page - Panasonic Semiconductor EX-F71 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Leak Detection Sensor
EX-F70 SERIES EX-F60 SERIES
886
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
Liquid Leak
Detection
Liquid Level
Detection
Water
Detection
Color Mark
Detection
Wafer
Detection
Ultrasonic
Small / Slim
Object Detection
Obstacle
Detection
SQ4
EX-F70/
EX-F60
EX-F61(-PN) EX-F62(-PN)
Sensor
Assembly dimensions with mounting bracket for EX-F61(-PN)
Assembly dimensions with mounting bracket for EX-F62(-PN)
EX-FC1
Simple wire-saving unit for leak detection sensor
MS-DIN-3
Unit mounting bracket (Optional)
1.5 0.059
23
0.906
26
1.024
ø2.5 ø0.098 cable,
3 m 9.843 ft long
NORMAL indicator
(Green)
FAULT indicator (Red)
19
0.748
9
0.354
3
0.188 14
0.551
19
0.748
FAULT indicator
(Red)
NORMAL indicator
(Green)
2-ø4.2 ø0.165
4.5 0.177
17
0.669
MS-EX-F6-1
PFA mounting bracket
Stainless steel bush
18
0.709
27
1.063
26
1.024
Adhering
surface
21.5
0.846
26
1.024
27
1.063
MS-EX-F6-2
(PVC mounting bracket)
3
0.188 14
0.551
19
0.748
FAULT indicator
(Red)
NORMAL indicator
(Green)
(11.5)
(0.453)
52
2.047
9
0.354
13
0.512
93
3.661
4
0.157
25.5
1.004
29.5
1.161
18.3
0.720
14.6
0.575
20
0.787
7.5 0.295
52.5
2.067
60.5
2.382
Normal indicator (Green)
Error indicator (Red)
Connection setting switch
Output indicator (Orange)
7
6
5
4
3
2
1
0
40
1.575
ø3.7 ø0.146 cable, 2 m 6.562 ft long
2-ø4.5 ø0.177 mounting holes
Unit mounting
base (
MS-SL-2)
Suitable for 35 mm 1.378 in width DIN rail
8 connectors
10
0.394
18.5
0.728
20
0.787
4.4 0.173
2
0.079
15
0.591
15
0.591
ø1.8
ø0.071
22
0.866
27
1.063
2
0.079
0.7
0.028
0.3
0.012
t 1
t 0.039
2
0.079
35
1.378
5.5 0.217
4.4
0.173
2
0.079
2-ø4.4 ø0.173 holes
10
0.394
DIMENSIONS (Unit: mm in)
The CAD data can be downloaded from our website.
Material: Cold rolled carbon steel (SPCC)
(Uni-chrome plated)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com