Electronic Components Datasheet Search
  English  ▼

X  

E3D08065G Datasheet(PDF) 1 Page - Cree, Inc

Part # E3D08065G
Description  Silicon Carbide Schottky Diode E-Series Automotive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

E3D08065G Datasheet(HTML) 1 Page - Cree, Inc

  E3D08065G Datasheet HTML 1Page - Cree, Inc E3D08065G Datasheet HTML 2Page - Cree, Inc E3D08065G Datasheet HTML 3Page - Cree, Inc E3D08065G Datasheet HTML 4Page - Cree, Inc E3D08065G Datasheet HTML 5Page - Cree, Inc E3D08065G Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
E3D08065G Rev 1, 10-2020
E3D08065G
Silicon Carbide Schottky Diode
E-Series Automotive
Features
• 650V Schottky Rectifier
• Zero Reverse Recovery Current
• Zero Forward Recovery Voltage
• High-Frequency Operation
• Temperature-Independent Switching Behavior
• Extremely Fast Switching
• Positive Temperature Coefficient on V
F
Benefits
• Higher System Level Efficiency
• Increase System Power Density
• Reduction of Heat Sink Requirements
• Parallel Devices Without Thermal Runaway
Applications
• Automotive Battery Chargers
• Boost diodes in PFC or DC/DC stages
• Free Wheeling Diodes in Inverter stages
• AC/DC Converters
• PV Inverters
Package
TO-263-2
Part Number
Package
Marking
E3D08065G
TO-263-2
E3D08065G
V
DS
900 V
I
D @ 25˚C
11.5 A
R
DS(on)
280 mΩ
Maximum Ratings (T
C = 25 ˚C unless otherwise specified)
Symbol
Parameter
Value
Unit
Test Conditions
Note
V
RRM
Repetitive Peak Reverse Voltage
650
V
V
R
DC Peak Reverse Voltage
650
V
I
F
Continuous Forward Current
22
10
8
A
T
C=25˚C
T
C=135˚C
T
C=150˚C
Fig. 3
P
tot
Power Dissipation
102
44
W
T
C=25˚C
T
C=110˚C
Fig. 4
I
FRM
Repetitive Peak Forward Surge Current
31
18
A
T
C=25˚C, tP=10 ms, Half Sine Pulse
T
C=110˚C, tP=10 ms, Half Sine Pulse
dV/dt
Diode dV/dt ruggedness
200
V/ns
V
R=0-650V
T
J , Tstg
Operating Junction and Storage Temperature
-55 to
+175
˚C
PIN 1
PIN 2
CASE


Similar Part No. - E3D08065G

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
E3D08065G WOLFSPEED-E3D08065G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode E-Series Automotive
Rev 1, 10-2020
More results

Similar Description - E3D08065G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D10120A CREE-E4D10120A Datasheet
603Kb / 6P
Silicon Carbide Schottky Diode E-Series Automotive
E4D20120D CREE-E4D20120D Datasheet
735Kb / 6P
Silicon Carbide Schottky Diode E-Series Automotive
E3D30065D CREE-E3D30065D Datasheet
712Kb / 6P
Silicon Carbide Schottky Diode E-Series Automotive
E3D20065D CREE-E3D20065D Datasheet
712Kb / 6P
Silicon Carbide Schottky Diode E-Series Automotive
logo
WOLFSPEED, INC.
E3D08065G WOLFSPEED-E3D08065G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode E-Series Automotive
Rev 1, 10-2020
E3D20065D WOLFSPEED-E3D20065D Datasheet
711Kb / 6P
Silicon Carbide Schottky Diode E-Series Automotive
Rev. 1, 10-2020
E3D30065D WOLFSPEED-E3D30065D Datasheet
712Kb / 6P
Silicon Carbide Schottky Diode E-Series Automotive
Rev 1, 10-2020
E4D20120D WOLFSPEED-E4D20120D Datasheet
734Kb / 6P
Silicon Carbide Schottky Diode E-Series Automotive
Rev. A 06-2020
E4D20120G WOLFSPEED-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode E-Series Automotive
Rev. 2 08-2020
EPW4-1200-S010A WOLFSPEED-EPW4-1200-S010A Datasheet
471Kb / 5P
Silicon Carbide Schottky Diode E-Series Automotive
Rev. 07-2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com