Electronic Components Datasheet Search
  English  ▼

X  

5461 Datasheet(PDF) 3 Page - 3M Electronics

Part # 5461
Description  3M™ Traction Tape 5461
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5461 Datasheet(HTML) 3 Page - 3M Electronics

  5461 Datasheet HTML 1Page - 3M Electronics 5461 Datasheet HTML 2Page - 3M Electronics 5461 Datasheet HTML 3Page - 3M Electronics 5461 Datasheet HTML 4Page - 3M Electronics 5461 Datasheet HTML 5Page - 3M Electronics 5461 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3M™ Traction Tape 5461
Available Sizes
Property
Values
Standard Roll Length
16 m
18 yd
Standard Width
50.8 mm
2 in
Handling/Application Information
Application Ideas
• Ideal for covering many process rollers which require low release (anti-stick) with elimination of coating build-up
and low release noise while also providing a high coe cient of friction (anti-slip) surface.
• Provide better traction on drive rollers.
• Spiral wrap to create a spreader roll from an idler roll.
• Eliminate coating transfer and/or build-up on drive rolls and idler rolls.
• Noise reduction on idler rolls.
Application Techniques
• Best results are achieved when applied to clean, dry surfaces at temperatures near70°F (21°C).
• The silicone rubber surface can be wiped clean with a dry wipe. Note: The use of cleaning solvents is not
recommended as they may swell the rubber.
• When using this tape, certain combinations of materials and conditions may cause a static discharge. Analyze your
system for proper grounding to minimize the possibility.
Storage and Shelf Life
Store under normal conditions of 60° to 80°F (16° to 27°C) and 40-50% relative humidity in the original, unopened
carton.
To obtain best performance, use this product within 18 months from date of manufacture.
References
Table continued on next page
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-
3m-products/~/3M-Traction-Tape-5461?
N=5002385+3293242250&rt=rud



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com