Electronic Components Datasheet Search
  English  ▼

X  

971 Datasheet(PDF) 3 Page - 3M Electronics

Part # 971
Description  3M??Ultra Durable Floor Marking Tape 971
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

971 Datasheet(HTML) 3 Page - 3M Electronics

  971 Datasheet HTML 1Page - 3M Electronics 971 Datasheet HTML 2Page - 3M Electronics 971 Datasheet HTML 3Page - 3M Electronics 971 Datasheet HTML 4Page - 3M Electronics 971 Datasheet HTML 5Page - 3M Electronics 971 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3M™ Ultra Durable Floor Marking Tape 971
Available Sizes
Property
Values
Standard Roll Length
32.9 m
36 yd
Handling/Application Information
Application Techniques
1. After completing the surface preparation process 3M™ Ultra Durable Floor Marking Tape can then be applied to
the surface of the intended application. Optimal adhesion is obtained when both the tape and intended surface are
within a temperature range of 60° to 80°F (16° to 27°C).
2. When applying the tape in long straight lines a chalk line may be used as a guide line ( gure 1).
3. To apply the tape, remove a portion of the liner from one end of the tape and rmly tack it down to the oor.
Gently pull liner away from tape at an angle as it is being applied by hand, following the chalk line ( gure 2).
4. Where joints are required, such as at corners and splices, a miter joint or butt joint is recommended (see gure 3
and gure 4).
5. Once the tape has been applied, a weighted roller, hand roller, or 3M™Hand Applicator PA1-B Blue is
recommended to help fully adhere the adhesive of the tape to the application surface.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com