Electronic Components Datasheet Search
  English  ▼

X  

847 Datasheet(PDF) 3 Page - 3M Electronics

Part # 847
Description  Nitrile High Performance Rubber & Gasket Adhesive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

847 Datasheet(HTML) 3 Page - 3M Electronics

  847 Datasheet HTML 1Page - 3M Electronics 847 Datasheet HTML 2Page - 3M Electronics 847 Datasheet HTML 3Page - 3M Electronics 847 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M™
Nitrile High Performance Rubber & Gasket Adhesive
847 • 847H
Application Equipment
Suggestions
Note: Appropriate application equipment can enhance adhesive performance. We
suggest the following application equipment for the user’s evaluation in light
of the user’s particular purpose and method of application.
1. Pumping:
3M™ Nitrile High Performance Rubber & Gasket Adhesives 847 and 847H
5 Gallon Pail Dispensing System:
1. Pump – 4:1 double acting ball type check pump, 4 cu. in./cycle 3 in. air motor.
2. Pail cover required to reduce solvent loss.
55 Gallon Drum Dispensing System:
1. Pump – 4:1 ratio double acting ball type check pump, 4 cu. in./cycle 3 in. air
motor, bung style pump.
Accessories:
1. Hose – nylon lined, 500 psi working pressure minimum.
2. Spray: Rubber & Gasket Adhesive 847 Production
Type Spray Equipment
Spray Applicator
Air
Cap
Fluid
Tip
Air
Pressure
Approximate Air
Requirement*
Fluid
Flow**
DeVilbiss JGA or MSA
777
FX
50 psi
141/2 CFM
3 fl. oz./min.
Binks No. 95 or 2001
63PB
63BSS
40 psi
121/2 CFM
1-2 fl. oz./min.
Airless Spray:
This adhesive is not recommended for airless spraying.
*2 H.P. Compressor for intermittent use.
3 H.P. Compressor for continuous use.
**To Measure Fluid Flow: Pressurize fluid source only; pull trigger; flow material into
measuring device for 60 seconds; increase or decrease fluid source pressure to obtain
desired fluid flow.
All material hoses should be nylon or PVA lined.
3. Brush: Typical brushes designed for oil based paints may be used.
Typical Adhesive
Performance
Characteristics
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
rubber & gasket adhesive 847 and 847H
180° Peel Strength
Canvas/Steel
Overlap Shear Strength
1/8 in. / 1/8 in. Birch
(Room temperature aged for 3 weeks)
Time @ 75°F (14°C)
Test Temp
Value (piw)
Test Temp
Value (psi)
1 day
75°F (14°C)
13
30°F (1°C)
152
3 days
75°F (14°C)
23.5
75°F (14°C)
200
5 days
75°F (14°C)
27.5
150°F (66°C)
20
7 days
75°F (14°C)
31
180°F (82°C)
9
2 weeks
75°F (14°C)
35
3 weeks
75°F (14°C)
40
3 weeks
30°F (1°C)
20
3 weeks
150°F (66°C)
16
3 weeks
180°F (82°C)
9
- 3 -



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com