Electronic Components Datasheet Search
  English  ▼

X  

730 Datasheet(PDF) 1 Page - 3M Electronics

Part # 730
Description  700-Series SMP Products:
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

730 Datasheet(HTML) 1 Page - 3M Electronics

  730 Datasheet HTML 1Page - 3M Electronics 730 Datasheet HTML 2Page - 3M Electronics 730 Datasheet HTML 3Page - 3M Electronics 730 Datasheet HTML 4Page - 3M Electronics 730 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
700-Series SMP Products:
3M
™ SMP Sealant 730, Clear
3M
™ SMP Adhesive Sealant 740UV
3M
™ SMP Adhesive Sealant 760UV
Technical Bulletin
June, 2016
Product
Description
3M™ 700-Series Silane Modified Polymer (SMP) Adhesive Sealant products are one
component, moisture curing products which form permanent elastic bonds. They are similar
in function as a typical one component polyurethane sealant but are isocyanate-free. 3M
SMP Adhesive Sealants bond to a wide variety of materials including plastics, metals,
fiberglass, and wood. Differentiated from other high performance sealants as they are very low
VOC, have better UV resistance, and have broad substrate adhesion for a wide range of
productivity enhancement applications.
Features/
Advantages
*All paints should first be tested for compatibility in application.
Features
3M™ 700-Series SMP Products:
Advantages
730
740UV
760UV
One component, moisture-curing
x
x
x
- No mixing
- Simplifies production
Bonds dissimilar materials
x
x
x
- Gives design flexibility
Adheres to a wide variety of materials
x
x
x
- Multiple uses and design flexibility
Permanently elastic
x
x
x
- Provides long lasting bonds
Fast-skinning
x
x
x
- Speeds production
Paintable when wet*
x
x
x
- Improves appearance
High tensile strength
-
-
x
- Gives high strength bonds
- Replace rivets and mechanical
fasteners
Low Modulus, Low Shore-A hardness
x
x
-
- Ideal for sealing
- Good for bonding materials with
different coefficients of thermal expansion
High Modulus, High Shore-A hardness
-
-
x
- Gives high strength bonds
Cures Clear
x
-
-
- Improves appearance


Similar Part No. - 730

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
730 ETC2-730 Datasheet
362Kb / 1P
GROMMETS , BUSHINGS
logo
Jiangsu Donghai Semicon...
730 WXDH-730 Datasheet
1Mb / 12P
6A 400V N-channel Enhancement Mode Power MOSFET
logo
3M Electronics
730 3M-730 Datasheet
499Kb / 5P
3M??700-Series SMP Products
2015
logo
Keystone Electronics Co...
730 KEYSTONE-730 Datasheet
83Kb / 1P
GROMMETS, BUMPERS & BUSHINGS
31-07 20th
730 KEYSTONE-730 Datasheet
355Kb / 1P
GROMMETS & BUSHINGS
31-07 20th
More results

Similar Description - 730

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AIF25R48 ASTEC-AIF25R48 Datasheet
109Kb / 2P
700 Watts
logo
Tyco Electronics
710X MACOM-710X Datasheet
83Kb / 1P
WILMAR??Protective Relays - 700 Series
logo
Pasternack Enterprises,...
PE9686 PASTERNACK-PE9686 Datasheet
73Kb / 1P
SMP FEMALE TO SMP FEMALE
logo
Bourns Electronic Solut...
CD143A_MDS BOURNS-CD143A_MDS Datasheet
184Kb / 1P
CD143A Series Diode Products
CDDFN10_MDS BOURNS-CDDFN10_MDS Datasheet
240Kb / 1P
CDDFN10 Series Diode Products
CDSOT23_MDS BOURNS-CDSOT23_MDS Datasheet
219Kb / 2P
CDSOT23 Series Diode Products
logo
3M Electronics
525 3M-525 Datasheet
377Kb / 5P
500-Series Polyurethane Products:
Jul-2014
700 3M-700 Datasheet
499Kb / 5P
3M??700-Series SMP Products
2015
logo
TE Connectivity Ltd
2406828 TEC-2406828 Datasheet
150Kb / 1P
ADAPTER, SMP PLUG TO SMP PLUG
Rev. A
logo
Molex Electronics Ltd.
SD-73406-022 MOLEX-SD-73406-022 Datasheet
115Kb / 1P
SMP JACK TO SMP JACK BULLET SMP-BULLET
2022/08/30
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com