Electronic Components Datasheet Search
  English  ▼

X  

431 Datasheet(PDF) 1 Page - 3M Electronics

Part # 431
Description  3M™ Aluminum Foil Tape 431
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

431 Datasheet(HTML) 1 Page - 3M Electronics

  431 Datasheet HTML 1Page - 3M Electronics 431 Datasheet HTML 2Page - 3M Electronics 431 Datasheet HTML 3Page - 3M Electronics 431 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ASK A 3M EXPERT
May, 2017
3M™ Aluminum Foil Tape 431
Product Description
3M™ Aluminum Foil Tape 431 is a 2-mil nominal dead soft aluminum foil with transparent acrylic adhesive for
many permanent sealing, holding, splicing or masking applications requiring the protection o ered by a foil
backing.
IMPORTANT: 3M™ Aluminum Foil Tape 431 is not intended for medical usage. Neither 3M nor the Food and
Drug Administration have evaluated or reviewed this tape for medical application. User assumes all risk and
liability whatsoever in connection with usage of product in a medical application.
Product Features
• Flame resistant. Meets U.L. 723, Class “L” low ammability rating (File R 7311).
• Meets requirements of FAR 25.853(a).
• Foil backing provides an excellent re ective surface for both heat and light.
• Good aging performance both indoors and outdoors.
• Low moisture vapor transmission rate o ers excellent sealing and patching performance.
• Best results attained when applied to clean dry surface above 32°F (0°C).


Similar Part No. - 431

ManufacturerPart #DatasheetDescription
logo
Littelfuse
431 LITTELFUSE-431 Datasheet
83Kb / 1P
Surface Mount Fuses - Thin-Film Surface Mount
logo
Oscilent Corporation
431 OSCILENT-431 Datasheet
133Kb / 2P
Low Jitter 5pS
logo
Willow Technologies Ltd
431 WILLOW-431 Datasheet
143Kb / 6P
ESTABLISHED RELIABILITY TO-5 RELAYS
logo
MKS Instruments.
431 MKS-431 Datasheet
591Kb / 8P
DIGITAL COMBINATION VACUUM GAUGE SYSTEM
logo
Coilcraft lnc.
431 COILCRAFT-431 Datasheet
198Kb / 2P
Wideband Bias Chokes
More results

Similar Description - 431

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2-5-425 3M-2-5-425 Datasheet
344Kb / 2P
Aluminum Foil Tape
Apr-2008
1519CW 3M-1519CW Datasheet
138Kb / 4P
3M™ Venture Tape™ Aluminum Foil Tape 1519CW
Jan-2018
3363 3M-3363 Datasheet
29Kb / 2P
Aluminum Foil Tape
12150 3M-12150 Datasheet
126Kb / 5P
3M™ Aluminum Foil Headliner Tape
Jul-2012
4380 3M-4380 Datasheet
129Kb / 5P
3M™ Aluminum Foil Tape 4380
Mar-2011
3369 3M-3369 Datasheet
34Kb / 2P
Aluminum Foil Tape
472 3M-472 Datasheet
127Kb / 5P
3M??Aluminum Foil Tape 427
427 3M-427 Datasheet
129Kb / 5P
3M™ Aluminum Foil Tape 427
Jun-2019
3340 3M-3340 Datasheet
143Kb / 5P
3M™ Aluminum Foil Tape 3340
Jul-2018
438 3M-438 Datasheet
141Kb / 5P
3M??Heavy Duty Aluminum Foil Tape 438
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com