Electronic Components Datasheet Search
  English  ▼

X  

390 Datasheet(PDF) 3 Page - 3M Electronics

Part # 390
Description  3M™ Scotch® Polyethylene Coated Cloth Tape
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

390 Datasheet(HTML) 3 Page - 3M Electronics

  390 Datasheet HTML 1Page - 3M Electronics 390 Datasheet HTML 2Page - 3M Electronics 390 Datasheet HTML 3Page - 3M Electronics 390 Datasheet HTML 4Page - 3M Electronics 390 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3M™ Scotch® Polyethylene Coated Cloth Tape 390
Available Sizes
Property
Values
Standard Roll Length
54.8 m
60 yd
Handling/Application Information
Application Ideas
• Sealing and protecting articles for shipment where moisture resistance is important.
• Applications in the construction, electrical, industrial, marine and military markets.
• Applications for sealing, holding, identi cation and protection.
• Maintenance Repair and Other (MRO) applications for patching, bundling, reinforcing, tabbing and temporary
repair.
• Hanging polyethylene drapes, industrial masking and light sandblast overspray protection.
Storage and Shelf Life
Store under normal conditions of 70°F (21°C) and 50% R.H. in the original carton.
To obtain best performance, use this product within 24 months from date of manufacture.
Trademarks
Scotch is a registered trademark of 3M.
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-
3m-products/~/Scotch-Polyethylene-Coated-Cloth-
Tape-390?N=5002385+3293241456&rt=rud
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-
search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=390



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com