Electronic Components Datasheet Search
  English  ▼

X  

98NF Datasheet(PDF) 1 Page - 3M Electronics

Part # 98NF
Description  Hi- Strength Non-Flammable 98NF Adhesive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

98NF Datasheet(HTML) 1 Page - 3M Electronics

  98NF Datasheet HTML 1Page - 3M Electronics 98NF Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3
Hi-Strength
Non-Flammable 98 NF Adhesive
Technical Data
March 2015
Product Description
A Non-flammable high performance, high temperature resistant, tacky industrial grade spray
adhesive for use in a wide variety of applications.
Key Features
Bonds to a variety of substrates including decorative laminate, headliners, and soft foams.
Typically used in construction, woodworking, specialty vehicle, RV, and manufactured housing.
Non-Flammable solvent and propellant adhesive
Typical Properties
Note: The following technical information and data should be considered
representative or typical only and should not be used for specification purposes.
Product
3M™ Hi-Strength
Non-Flammable98 NF Cylinder
Spray Adhesive
3M™ Hi-Strength
Non-Flammable98 NF
Adhesive (Bulk)
Base:
Synthetic Elastomer
Synthetic Elastomer
Solids Content - (by wt.):
21.4%
24%
Density (lbs/gal):
10.1
10.3
Viscosity (cps):
N/A
< 500
Color(s):
Translucent and Red
Translucent and Red
Volatile Organic Compounds (VOC):
47 g/L
0 g/L
Hazardous Air Pollutants (HAPS)
% wt (calculated):
55-65%
60-85%
CARB Compliant:
N/A
N/A
SCAQMD 1168 Compliant:
No
No
GREENGUARD® Certified:
No
No
LEED® Eligible:
No
No
Coverage @ 2.5 gms /ft
2 per lb (sqft):
39
44
Spray Pattern:
Lace
Lace
Dry Time:
1 minute
1 minute
Bonding Range:
1 – 60 minutes
1 – 60 minutes
Shear Adhesion Failure Test - SAFT
(1):
240F
240F
Flammable Solvent:
No
No
Flammable Propellant:
No
N/A
(1)SAFT Shear Adhesion Failure Test with birch plywood, 1 inch overlap, 100 grams used, temperature start at 90F and ramped 10F every 10 mn. until complete failure.
Available Sizes
Container Size
3M Stock Number
UPC Number
Mini Cylinder – 10.5 lbs. - clear
62-4995-8010-8
00-051115-25773-5
Mini Cylinder – 10.5 lbs. - red
62-4993-8010-3
00-051115-25772-8
Large Cylinder – 37 lbs. - clear
62-4995-8030-6
00-048011-61675-9
Large Cylinder – 37 lbs. - red
62-4993-8030-1
00-048011-61678-0
Intermediate Cylinder – 185.6 lbs. - clear
62-4995-8150-2
00-048011-61676-6
Intermediate Cylinder – 185.6 lbs. - red
62-4993-8150-7
00-048011-61679-7
Jumbo Cylinder – 371.7 lbs. - clear
62-4995-8300-3
00-048011-61677-3
Jumbo Cylinder – 371.7 lbs. - red
62-4993-8300-8
00-048011-61680-3
5 gallon pail – 51.5 lbs. - clear
62-4907-8530-0
00-051111-18851-4
5 gallon pail – 51.5 lbs. - red
62-4904-8530-7
00-051111-18847-7
54 gallon drum – 556.2 lbs. - clear
62-4907-9530-9
00-051111-18852-1
54 gallon drum – 556.2 lbs. - red
62-4904-9530-6
00-051111-18848-4


Similar Part No. - 98NF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
98N03LT PHILIPS-98N03LT Datasheet
287Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 02-18 October 2001
More results

Similar Description - 98NF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NFR25 VISHAY-NFR25 Datasheet
96Kb / 8P
Fusible, Non-Flammable Resistors
24-Feb-04
NFR25H VISHAY-NFR25H Datasheet
745Kb / 9P
Fusible, Non-Flammable Resistors
21-Feb-08
NFR25H0001008JA500 VISHAY-NFR25H0001008JA500 Datasheet
773Kb / 10P
Fusible, Non-Flammable Metal Film Leaded Resistors
30-Mar-10
NFR25H0004707JR500 VISHAY-NFR25H0004707JR500 Datasheet
773Kb / 10P
Fusible, Non-Flammable Metal Film Leaded Resistors
30-Mar-10
NFR25H0004707JA500 VISHAY-NFR25H0004707JA500 Datasheet
773Kb / 10P
Fusible, Non-Flammable Metal Film Leaded Resistors
30-Mar-10
logo
3M Electronics
9495LE 3M-9495LE Datasheet
20Kb / 5P
High Strength Double Coated Tape with Adhesive 300LSE
Nov-2008
logo
List of Unclassifed Man...
KH15 ETC-KH15 Datasheet
954Kb / 2P
NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
KR80 ETC-KR80 Datasheet
897Kb / 2P
NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
logo
3M Electronics
94CA 3M-94CA Datasheet
177Kb / 2P
Scotch-WeldTM Hi-Strength Postforming 94 CA Spray Adhesive
Nov-2017
logo
Stackpole Electronics, ...
EWT SEI-EWT Datasheet
286Kb / 4P
Non-Flammable Edgewound Tubular Wirewound Resistor
08/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com