Electronic Components Datasheet Search
  English  ▼

X  

STM32WLE4JCY7TR Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32WLE4JCY7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCY7TR Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32WLE4JCY7TR Datasheet HTML 92Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 93Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 94Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 95Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 96Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 97Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 98Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 99Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 145 page
background image
Electrical characteristics
STM32WLE5/E4xx
96/145
DS13105 Rev 8
For more information about the trimming methodology of the oscillator, refer to the
application note HSE trimming for STM32 wireless MCUs (AN5042).
TCXO regulator
Low-speed external user clock generated from an external source
The low-speed external (LSE) clock can be supplied with a 32.768 kHz crystal resonator
oscillator. The information provided in this section is based on design simulation results
obtained with typical external components specified in the table below. In the application,
Table 57. HSE32 oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tSUA(HSE)
Startup time for 80% amplitude
stabilization
VDDRF stabilized,
SUBGHZ_HSEINTRIMR = 0x12,
-40 to +105 °C temperature range
-1000-
µs
tSUR(HSE)
Startup time
for HSEREADY signal
VDDRF stabilized,
SUBGHZ_HSEINTRIMR = 0x12,
-40 to +105 °C temperature range
-
180
-
IDDRF(HSE) HSE32 current consumption
HSEGMC = 000,
SUBGHZ_HSEINTRIMR = 0x12
-50
-
µA
XOTg(HSE)
SUBGHZ_HSEINTRIMR
granularity
Capacitor bank
-1
5
ppm
XOTfp(HSE)
SUBGHZ_HSEINTRIMR
frequency pulling
±15
±30
-
XOTnb(HSE)
SUBGHZ_HSEINTRIMR
number of tuning bits
-6-
bit
XOTst(HSE)
SUBGHZ_HSEINTRIMR setting
time
--
0.1
ms
Table 58. HSE32 TCXO regulator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VTCXO
Regulated voltage range for
TCXO voltage supply
VDDOP > VTCXO + 200 mV
1.6
1.7
3.3
V
ILTCXO
Load current for TCXO regulator -
-
1.5
4
mA
TSVTCXO Startup time for TCXO regulator
From enable to regulated voltage
within 25 mV from target
-
-
50
µs
IDDTCXO
Current consumption for TCXO
regulator
Quiescent current
-
-
70
µA
Relative to load current
-
1.6
2
%
ATCXO
Amplitude voltage for external
TCXO applied to OSC_IN pin
Provided through a 220 Ω resistor
in series with a capacitance
(voltage divider)(1)
0.4
0.6
1.2
Vpk-pk
1. In order to minimize spurious injection, the capacitance value must be calculated such that an amplitude of
0.4 to 0.5 Vpk-pk on OSC_IN is obtained. For TCXO output voltage of 0.8 Vpk-pk, 10 pF can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com