Electronic Components Datasheet Search
  English  ▼

X  

DS42546 Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # DS42546
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

DS42546 Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button DS42546 Datasheet HTML 35Page - Advanced Micro Devices DS42546 Datasheet HTML 36Page - Advanced Micro Devices DS42546 Datasheet HTML 37Page - Advanced Micro Devices DS42546 Datasheet HTML 38Page - Advanced Micro Devices DS42546 Datasheet HTML 39Page - Advanced Micro Devices DS42546 Datasheet HTML 40Page - Advanced Micro Devices DS42546 Datasheet HTML 41Page - Advanced Micro Devices DS42546 Datasheet HTML 42Page - Advanced Micro Devices DS42546 Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
DS42546
39
AC CHARACTERISTICS
Flash Word/Byte Configuration (CIOf)
Parameter
85 ns Speed
JEDEC
Std
Description
Min
Typ
Max
Unit
t
ELFL/tELFH
CE#f to CIOf Switching Low or High
5
ns
t
FLQZ
CIOf Switching Low to Output HIGH Z
30
ns
t
FHQV
CIOf Switching High to Output Active
85
ns
DQ15
Output
Data Output
(DQ0–DQ7)
CE#f
OE#
CIOf
t
ELFL
DQ0–DQ14
Data Output
(DQ0–DQ14)
DQ15/A-1
Address
Input
tFLQZ
CIOf
Switching
from word
to byte
mode
DQ15
Output
Data Output
(DQ0–DQ7)
CIOf
t
ELFH
DQ0–DQ14
Data Output
(DQ0–DQ14)
DQ15/A-1
Address
Input
t
FHQV
CIOf
Switching
from byte
to word
mode
Figure 16.
CIOf Timings for Read Operations
Note: Refer to the Erase/Program Operations table for tAS and tAH specifications.
Figure 17.
CIOf Timings for Write Operations
CE#f
WE#
CIOf
The falling edge of the last WE# signal
tHOLD (tAH)
t
SET
(tAS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com