Electronic Components Datasheet Search
  English  ▼

X  

XUSZSC202 Datasheet(PDF) 1 Page - Schneider Electric

Part # XUSZSC202
Description  Column without mirror 1970 mm for safety light curtains - Hp = 1810 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XUSZSC202 Datasheet(HTML) 1 Page - Schneider Electric

  XUSZSC202 Datasheet HTML 1Page - Schneider Electric XUSZSC202 Datasheet HTML 2Page - Schneider Electric XUSZSC202 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Jan 19, 2021
1
Product data sheet
Characteristics
XUSZSC202
Column without mirror 1970 mm for safety light
curtains - Hp = 1810 mm
Main
Range of product
Preventa Safety detection
Accessory / separate
part category
Mounting and fixing accessories
Accessory / separate
part type
Fixing column
Offer type
Without mirror
Product compatibility
XUSL.E...151 to XUSL.E...181
Accessory / separate
part destination
Safety light curtain type 4
Safety light curtain type 2
Complementary
Ambient air temperature for operation
-30…55 °C
-30…55 °C
Ambient air temperature for storage
-30…70 °C
-30…70 °C
Column height
1970 mm
Height protected
1810 mm
Net weight
6 kg
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
8.1 kg
Package 1 Height
14 cm
Package 1 width
20 cm
Package 1 Length
206 cm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information


Similar Part No. - XUSZSC202

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XUSZSC202R SCHNEIDER-XUSZSC202R Datasheet
79Kb / 3P
Column without mirror 1970 mm with cable gland PG11 - Hp = 1810 mm
Jan 19, 2021
More results

Similar Description - XUSZSC202

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XUSZMD181 SCHNEIDER-XUSZMD181 Datasheet
69Kb / 2P
Mirrors for safety light curtains with fastening systems 1900 mm - Hp = 1810 mm
Jan 19, 2021
XUSZMF125 SCHNEIDER-XUSZMF125 Datasheet
70Kb / 2P
Column with mirror 1200 mm for safety light curtains - Hp = 910 mm
Jan 19, 2021
XUSZMF138 SCHNEIDER-XUSZMF138 Datasheet
70Kb / 2P
Column with mirror 1330 mm for safety light curtains - Hp = 1060 mm
Jan 19, 2021
XUSZMF172 SCHNEIDER-XUSZMF172 Datasheet
70Kb / 2P
Column with mirror 1700 mm for safety light curtains - Hp = 1360 mm
Jan 19, 2021
XUSZMF202 SCHNEIDER-XUSZMF202 Datasheet
70Kb / 2P
Column with mirror 1970 mm for safety light curtains - Hp = 1810 mm
Jan 19, 2021
XUSZSC105 SCHNEIDER-XUSZSC105 Datasheet
79Kb / 3P
Column without mirror 1000 mm for safety light curtains - Hp = 610 mm
Jan 19, 2021
XUSZSC138 SCHNEIDER-XUSZSC138 Datasheet
79Kb / 3P
Column without mirror 1200 mm for safety light curtains - Hp = 1060 mm
Jan 19, 2021
XUSZSC172 SCHNEIDER-XUSZSC172 Datasheet
79Kb / 3P
Column without mirror 1670 mm for safety light curtains - Hp = 1360 mm
Jan 19, 2021
XUSZSC202R SCHNEIDER-XUSZSC202R Datasheet
79Kb / 3P
Column without mirror 1970 mm with cable gland PG11 - Hp = 1810 mm
Jan 19, 2021
XUSZSS125 SCHNEIDER-XUSZSS125 Datasheet
66Kb / 2P
Column without mirror 1200 mm for safety light curtains - Hp = 1210 mm
Jan 19, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com