Electronic Components Datasheet Search
  English  ▼

X  

DS42587 Datasheet(PDF) 48 Page - Advanced Micro Devices

Part # DS42587
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

DS42587 Datasheet(HTML) 48 Page - Advanced Micro Devices

Back Button DS42587 Datasheet HTML 44Page - Advanced Micro Devices DS42587 Datasheet HTML 45Page - Advanced Micro Devices DS42587 Datasheet HTML 46Page - Advanced Micro Devices DS42587 Datasheet HTML 47Page - Advanced Micro Devices DS42587 Datasheet HTML 48Page - Advanced Micro Devices DS42587 Datasheet HTML 49Page - Advanced Micro Devices DS42587 Datasheet HTML 50Page - Advanced Micro Devices DS42587 Datasheet HTML 51Page - Advanced Micro Devices DS42587 Datasheet HTML 52Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
48
DS42587
AC CHARACTERISTICS
Alternate CE#f Controlled Erase and Program Operations
Notes:
1. Not 100% tested.
2. See the “Flash Erase And Programming Performance” section for more information.
Parameter
85 ns Speed
JEDEC
Std
Description
Min
Typ
Max
Unit
t
AVAV
t
WC
Write Cycle Time (Note 1)
85
ns
t
AVWL
t
AS
Address Setup Time (WE# to Address)
0
ns
t
ASO
Address Setup Time to CE#f Low During Toggle
Bit Polling
15
ns
t
ELAX
t
AH
Address Hold Time
45
ns
t
AHT
Address Hold time from CE#f or OE# High During
Toggle Bit Polling
0ns
tDVEH
tDS
Data Setup Time
45
ns
tEHDX
tDH
Data Hold Time
0
ns
t
GHEL
t
GHEL
Read Recovery Time Before Write
(OE# High to WE# Low)
0ns
t
WLEL
t
WS
WE# Setup Time
0
ns
t
EHWH
t
WH
WE# Hold Time
0
ns
t
ELEH
t
CP
CE#f Pulse Width
35
ns
t
EHEL
t
CPH
CE#f Pulse Width High
35
ns
t
WHWH1
t
WHWH1
Programming Operation
(Note 2)
Byte
5
µs
Word
7
t
WHWH1
t
WHWH1
Accelerated Programming Operation,
Word or Byte (Note 2)
4µs
t
WHWH2
t
WHWH2
Sector Erase Operation (Note 2)
0.7
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com