Electronic Components Datasheet Search
  English  ▼

X  

UPC177 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # UPC177
Description  Single Power Supply Quad Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC177 Datasheet(HTML) 2 Page - Renesas Technology Corp

  UPC177 Datasheet HTML 1Page - Renesas Technology Corp UPC177 Datasheet HTML 2Page - Renesas Technology Corp UPC177 Datasheet HTML 3Page - Renesas Technology Corp UPC177 Datasheet HTML 4Page - Renesas Technology Corp UPC177 Datasheet HTML 5Page - Renesas Technology Corp UPC177 Datasheet HTML 6Page - Renesas Technology Corp UPC177 Datasheet HTML 7Page - Renesas Technology Corp UPC177 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
μPC177, 339
R03DS0139EJ0101 Rev.1.10
Page 2 of 7
2020.05.12
EQUIVALENT CIRCUIT (1/4 Circuit)
PIN CONFIGURATION (Top View)
ABSOLUTE MAXIMUM RATINGS (TA = 25
C)
Parameter
Symbol
μPC177G2
μPC339G2
Unit
Power Supply Voltage Note 1
V + - V -
-0.3 ~ +36
V
Differential Input Voltage
VID
±36
V
Input Voltage Note 2
VI
V - -0.3 ~ V - +36
V
Output Voltage Note 3
VO
V - -0.3 ~ V - +36
V
Total Power Dissipation Note 4
PT
550
mW
Output Short Circuit Duration (vs.
GND) Note 5
ts
Indefinite
s
Operating Ambient Temperature
TA
-40 ~ +85
-20 ~ +80
C
Storage Temperature
Tstg
-55 ~ +125
C
【
Note】1. Note that reverse connections of the power supply may damage the ICs.
2. This is the input voltage range that can be applied to the input terminal without any characteristics degradation
or breakdown. It can be applied regardless of the supply voltage. Do not apply the voltage below V-(GND)-0.3V.
The comparator electrical characteristics will operate normally when the input voltage is operating within the
common-mode input voltage range.
3. Voltage range that can be applied externally to the output terminal without deteriorating or damage to the product.
It can be applied regardless of the power supply. Caution not to exceed the ratings, including transient
conditions such as when the power supply is ON/OFF.
4. Power dissipation value when TA ≦ +25
C. For TA > 25 C, de-rate at -5.5 mW/C
5. A short circuit to the V+ side may destroy the IC. Please use the total loss and de-rating value from Note 4.
µPC177G2, μPC339G2
1
OUT1
11
V -
2
II1
3
IN1
4
V +
14 OUT3
13
II4
12
IN4
7
OUT2
6
II2
5
IN2
8
OUT4
II3
10
IN3
1
-+
4
-+
9
2
-+
3
-+
Q7
Q8
Q1
Q3
Q2
Q4
Q5
Q6
IN
II
+
-
OUT
V +
V -
100 μA
100 μA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com