Electronic Components Datasheet Search
  English  ▼

X  

SS100 Datasheet(PDF) 1 Page - 3M Electronics

Part # SS100
Description  ELASTOMERIC 3M??Smoke and Sound Sealant SS 100
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

SS100 Datasheet(HTML) 1 Page - 3M Electronics

  SS100 Datasheet HTML 1Page - 3M Electronics SS100 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For technical support relating to 3M™ Fire Protection Products and Systems, call: 1-800-328-1687
For more information on 3M™ Fire Protection Products, visit: www.3M.com/firestop
Meets Air Leakage
Requirements
SMOKE SEAL
L
±
10%
Movement
Capability
ELASTOMERIC
3M™ Smoke and Sound Sealant SS 100
Product Data Sheet
1. Product Description
3M™ Smoke and Sound Sealant SS 100 is an economical, ready to use, gun-grade, elastomeric sealant that dries
to form a monolithic flexible seal that helps prevent unwanted noise infiltration and mitigates the spread of
smoke and toxic gas during a fire. 3M™ Smoke and Sound Sealant SS 100 is designed to seal construction joints
and through penetrations in non-fire-rated wall and floor assemblies, including smoke partitions and acoustic
assemblies. In addition, this product acts as a draftstop to prevent unwanted air movement and provides a
barrier against dust and other airborne particulates.
Product Features
• Creates an effective barrier to mitigate
smoke and toxic gas spread
• Helps minimize sound transfer
• ±10% movement capability
• An effective draftstop
• Re-enterable / repairable
• Sag-resistant formulation
• Excellent adhesion
• Paintable
• Cleans up with water
2. Applications
Typical applications include: bottom-of-wall, head-of-wall and wall-to-wall construction joints in non-fire-rated construction. Typical through
penetrations include: metallic pipe, non-metallic pipe (excluding CPVC), insulated pipe, conduit, power and communication cables and
combinations of multiple penetrants. Ideal for smoke partitions and acoustical assemblies.
Meets the intent of LEED® VOC regulations—helps reduce the quantity of indoor air contaminants that may be odorous, irritating
and harmful to the comfort and well-being of the installers and occupants. <250 g/L VOC contents (less H2O and exempt solvents).
A versatile smoke, sound and draftstop
sealant that minimizes noise and helps
prevent smoke migration with movement
capability for dynamic construction joints
3. Specifications
3M™ Smoke and Sound Sealant SS 100 shall be a one-component, ready-to-use,
gun-grade, elastomeric sealant. 3M™ Smoke and Sound Sealant SS 100 shall
be tested to the criteria of ASTM E 90 Standard Test Method for Laboratory
Measurement of Airborne Sound Transmission Loss of Building Partitions
and Elements and ASTM E 84 Standard Test Method for Surface Burning
Characteristics of Building Materials. 3M™ Smoke and Sound Sealant SS 100
shall meet the requirements of the IBC, IRC, IFC, IPC, IMC, NFPA 5000,
NEC (NFPA 70), NFPA 101 and NBCC.
Typically Specified Divisions
Division 7
Section 07 86 00 – Smoke Seals
Section 07 92 19 – Acoustic Joint Sealants
Section 07 27 00 – Air Barriers
Related Sections
Section 07 84 16 – Annular Space Protection
Section 07 87 00 – Smoke Containment Barriers
Section 09 20 00 – Plaster and Gypsum Board
Section 13 48 00 – Sound Vibrations and Seismic Control
Section 21 00 00 – Fire Suppression
Section 22 00 00 – Plumbing
Section 26 00 00 – Electrical
Available in: White


Similar Part No. - SS100

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SS100 TRSYS-SS100 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS100 JGD-SS100 Datasheet
171Kb / 2P
1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
SS100 FAIRCHILD-SS100 Datasheet
341Kb / 6P
1.0 Ampere Schottky Barrier Rectifiers
logo
Honeywell Solid State E...
SS100 HONEYWELL-SS100 Datasheet
222Kb / 3P
Surface Mount Digital Position Sensors
logo
Pan Jit International I...
SS100 PANJIT-SS100 Datasheet
70Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS-18-7-G ETC2-SS-18-7-G Datasheet
203Kb / 2P
SS-100/GSS-100 PROBE AND RECEPTACLE
R-SS-100-WW ETC2-R-SS-100-WW Datasheet
200Kb / 3P
SS-100/GSS-100 PROBE AND RECEPTACLE
logo
3M Electronics
606-NF 3M-606-NF Datasheet
135Kb / 6P
3M??Weatherban??Acrylic Sealant 606-NF
1252 3M-1252 Datasheet
564Kb / 6P
3M™ Scotch-Seal Tamper Proof Sealant 1252
Aug-2019
740UV 3M-740UV Datasheet
499Kb / 5P
3M??SMP Adhesive Sealant 740UV
HP42 3M-HP42 Datasheet
338Kb / 6P
3M Scotch-WeldTM Pipe Sealant Anaerobic Adhesives
AC-735 3M-AC-735 Datasheet
74Kb / 3P
3M??Aerospace Sealant AC-735 Class B
AC-350 3M-AC-350 Datasheet
84Kb / 3P
3M??Aerospace Sealant AC-350 Class B
EC-5816 3M-EC-5816 Datasheet
220Kb / 4P
3M??Scotch-Weld??Elastomeric Coating
15WB 3M-15WB Datasheet
977Kb / 2P
3M??Fire Barrier Sealant IC 15WB
2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com