Electronic Components Datasheet Search
  English  ▼

X  

HP42 Datasheet(PDF) 3 Page - 3M Electronics

Part # HP42
Description  3M Scotch-WeldTM Pipe Sealant Anaerobic Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

HP42 Datasheet(HTML) 3 Page - 3M Electronics

  HP42 Datasheet HTML 1Page - 3M Electronics HP42 Datasheet HTML 2Page - 3M Electronics HP42 Datasheet HTML 3Page - 3M Electronics HP42 Datasheet HTML 4Page - 3M Electronics HP42 Datasheet HTML 5Page - 3M Electronics HP42 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3MTM Scotch-WeldTM
Pipe Sealant Anaerobic Adhesives
HP42 • HP45 • PS65 • PS67 • PS77
Typical cured
Physical
Properties
Note: The following technical information and data should be considered
representative or typical only and should not be used for specification purpose
HP42
HP45
PS65
PS67
PS77
Color
Brown
Purple
White
White
Fluorescent
Yellow
Max Pipe
Diameter
½ ”
2”
3”
3”
3”
Breakaway
Torque (in.lb)
80a (70-160)b
40a (15-90)b
47a (18-90)b
40a (20-45)b
80a (70-160)b
Prevailing
Torque (in.lb)
85a (60-120)b
30a (20-40)b
20a (2-48)b
30a (12-40)b
40a (17-90)b
Temperature
Range (oF)
-65 to 300
-65 to 300
-65 to 400
-65 to 400
-65 to 300
*Reference ISO 10964.
To convert to (N.m) divide (in.lb) by 8.851
a Typical value;
b Range
Hot Strength (measured at temperature)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com