Electronic Components Datasheet Search
  English  ▼

X  

PS65 Datasheet(PDF) 1 Page - 3M Electronics

Part # PS65
Description  3M Scotch-WeldTM Pipe Sealant Anaerobic Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

PS65 Datasheet(HTML) 1 Page - 3M Electronics

  PS65 Datasheet HTML 1Page - 3M Electronics PS65 Datasheet HTML 2Page - 3M Electronics PS65 Datasheet HTML 3Page - 3M Electronics PS65 Datasheet HTML 4Page - 3M Electronics PS65 Datasheet HTML 5Page - 3M Electronics PS65 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
Scotch-WeldTM
Pipe Sealant Anaerobic Adhesives
HP42 • HP45 • PS65 • PS67 • PS77
Technical Data
November 2016
Product
Description
3M™ Scotch-Weld™ Pipe Sealant Anaerobic Adhesives are one-component
anaerobic sealants that cure and seal hydraulic and pneumatic pipes and fittings to
withstand high temperatures and pressures
Specific
Features
3M™ Scotch-Weld™ Pipe Sealant Anaerobic Adhesives HP42 is formulated to lock and
seal fine to medium pipe threads, particularly for hydraulic and pneumatic pipe systems, up to
15mm pipe diameter. HP42 prevents vibration loosening and leakage through the pipe
threads. It is formulated to give medium strength break and prevail torque on assembled
joints, thus enabling easier disassembly and servicing. Pipe joints made with HP42
should be fully torqued up within maximum of 10 minutes from initial assembly. HP42 will
give rapid low pressure seal (after 20 minutes)
3M™ Scotch-Weld™ Hydraulic Pneumatic Sealant HP45 is a low breakaway
torque strength, medium viscosity liquid sealant for most high pressure hydraulic and
pneumatic fittings. It has excellent solvent resistance.
3M™ Scotch-Weld™ General Purpose Pipe Sealant PS65 is a general purpose, low
to medium breakaway torque strength paste pipe sealant. It is formulated to lock and
seal medium to coarse straight and tapered pipe threads on pipes of diameter from
approximately 5/8" to 3". It is used for applications that require easy disassembly.
3M™ Scotch-Weld™ Stainless Steel High Temperature Pipe Sealant PS67 is a fast
cure, low breakaway torque strength, high temperature paste pipe sealant for metal
connections in applications such as pressure vessels, air compressors, hydraulic, and
pneumatic systems. It works on inactive surfaces (such as stainless steel) and provides
an almost instant low pressure seal. A high pressure seal results when the bond is fully
cured.
3M™ Scotch-Weld™ Stainless Steel High Temperature Pipe Sealant PS77 is
formulated to lock and seal medium to coarse straight and tapered pipe threads on
pipes of diameter from 15mm to 80mm. PS77 prevents vibration loosening and
leakage through the pipe threads. PS77 is formulated to give medium strength break
torque, but lower prevail torque on assembled joints, thus enabling easier disassembly
and servicing. Pipe joints made with PS77 should be fully torqued up within a
maximum of 15 minutes from initial assembly. PS77 will give a rapid low pressure
seal (after 20 minutes)
.


Similar Part No. - PS65

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PS65 ASTRODYNE-PS65 Datasheet
323Kb / 4P
65W Single Output Switching Power Supply
logo
RRC power solutions Ltd...
PS65 RRC-PS65 Datasheet
308Kb / 3P
Power Supply AC/DC
PS65 RRC-PS65 Datasheet
402Kb / 4P
Standard Battery Pack Li-Ion
PS65 RRC-PS65 Datasheet
391Kb / 4P
Standard Battery Pack Li-Ion
PS65 RRC-PS65 Datasheet
366Kb / 4P
Standard Battery Pack Li-Ion
More results

Similar Description - PS65

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DP125 3M-DP125 Datasheet
228Kb / 7P
Scotch-WeldTM Epoxy Adhesives
Mar 2019
DP190 3M-DP190 Datasheet
631Kb / 7P
Scotch-WeldTM Epoxy Adhesives
February, 2016
TE015 3M-TE015 Datasheet
26Kb / 6P
Scotch-Weld Pipe Sealant PS77 Polyurethane Reactive Adhesives
TE040 3M-TE040 Datasheet
319Kb / 6P
Scotch-WeldTM Polyurethane Reactive Adhesives
DP3501 3M-DP3501 Datasheet
286Kb / 6P
3M Scotch-WeldTM Epoxy Adhesives
Mar-2015
RT09 3M-RT09 Datasheet
392Kb / 6P
Scotch-WeldTM Retaining Compound Anaerobic Adhesives
Nov-2016
GM18 3M-GM18 Datasheet
325Kb / 5P
Scotch-WeldTM Gasket Maker Anaerobic Adhesives
Nov-2016
2214 3M-2214 Datasheet
552Kb / 11P
Scotch-WeldTM Epoxy Adhesives
Oct-2018
3535 3M-3535 Datasheet
24Kb / 6P
3M Scotch-WeldTM Urethane Adhesives
Jan-2010
TL22 3M-TL22 Datasheet
363Kb / 6P
Scotch-WeldTM Threadlocker Anaerobic Adhesives
November 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com