Electronic Components Datasheet Search
  English  ▼

X  

DP5106 Datasheet(PDF) 2 Page - 3M Electronics

Part # DP5106
Description  3M??Scotch-Weld??Control Joint SEALANTS DP5106, Self-Leveling, Gray
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP5106 Datasheet(HTML) 2 Page - 3M Electronics

  DP5106 Datasheet HTML 1Page - 3M Electronics DP5106 Datasheet HTML 2Page - 3M Electronics DP5106 Datasheet HTML 3Page - 3M Electronics DP5106 Datasheet HTML 4Page - 3M Electronics DP5106 Datasheet HTML 5Page - 3M Electronics DP5106 Datasheet HTML 6Page - 3M Electronics DP5106 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3M™ Scotch-Weld™ Control Joint Sealants DP5106, Self-Leveling, Gray
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be
used for speci cation purposes.
Typical Mixed Physical Properties
Property
Values
Method
Test Condition
Viscosity
34325 cP
HBDVI + CP
Room Temperature
Worklife
4 min
PEC
@ Room Temperature, 10
g, 1/4" thick
Tack Free Time
30 min
PEC
10 g, 1/4" thick @ Room
Temperature
Time to Full Cure
24 h
PEC
10 g, 1/4" thick @ Room
Temperature
Typical Cured Characteristics
Property
Values
Test Condition
Method
Temperature
Range
-60 to 250 °F
-51 to 121 °C
Continuous
Shore A Hardness
85
ASTM D2240
Handling/Application Information
Application Ideas
• For stress-relieving large segments of concrete oors



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com