Electronic Components Datasheet Search
  English  ▼

X  

AV-3000 Datasheet(PDF) 1 Page - 3M Electronics

Part # AV-3000
Description  3M??Scott??AV-Series Facepieces Rubber Head Harness
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AV-3000 Datasheet(HTML) 1 Page - 3M Electronics

  AV-3000 Datasheet HTML 1Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Datasheet
NIOSH Approved Configurations
3M™ Scott™AV-Series Facepieces
Rubber Head Harness
Fire & Safety
3M Scott Fire & Safety
Personal Safety Division
Monroe Center, P.O. Box 569
Monroe, NC 28110
HS 7042B_ EN 10/20 ISO 9001 Registered.
Please recycle. Printed in USA © 3M 2020.
All rights reserved. 3M and Scott are trademarks of 3M.
Phone 1-800-247-7257
Email
US-3M-ScottMonroeCSR@mmm.com
Web
3MScott.com
3M™ Scott™ APR Respirators
AV-2000
(grey nosecup)
AV-3000*
(grey nosecup)
AV-3000 SureSeal
5-Strap
3M Bayonet Cartridges, 6000 Series
No
No
Yes
3M Bayonet Filters, 7093 and 2000 series
No
No
Yes
742 Cartridges (discontinuation date July 31, 2021)
Yes
Yes
Yes
40mm Cartridges
Yes
Yes
Yes
40mm Canister, NIOSH CBRN
No
No
Yes
C420 Plus PAPR
Yes
No
Yes
C420 Plus PAPR, NIOSH CBRN
No
No
Yes
3M™ Scott™ SCBA and SAR Respirators
AV-2000
(grey nosecup)
AV-3000*
(grey nosecup)
AV-3000 SureSeal
5-Strap
Air-Pak 50i SCBA*
Yes
Yes
Yes
Air-Pak 75i SCBA
Yes
Yes
Yes
ACSi SCBA
Yes
Yes
Yes
ISCBA SCBA
Yes
Yes
Yes
E-Z Airline Respirator
Yes
Yes
Yes
Ska-Pak Respirator
Yes
Yes
Yes
Ska-Pak Plus Respirator
Yes
Yes
Yes
Ska-Pak AT Respirator
Yes
Yes
Yes
Discontinued
Discontinuation
date March 2022
* No longer sold
Note: This list is not inclusive of all approved or certified configurations


Similar Part No. - AV-3000

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
AV-321 SCHNEIDER-AV-321 Datasheet
186Kb / 4P
Gear Train Actuator Valve Linkages General Instructions
AV-327 SCHNEIDER-AV-327 Datasheet
186Kb / 4P
Gear Train Actuator Valve Linkages General Instructions
AV-329 SCHNEIDER-AV-329 Datasheet
186Kb / 4P
Gear Train Actuator Valve Linkages General Instructions
AV-330 SCHNEIDER-AV-330 Datasheet
186Kb / 4P
Gear Train Actuator Valve Linkages General Instructions
More results

Similar Description - AV-3000

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
TTPH96K1 SWITCH-TTPH96K1 Datasheet
772Kb / 2P
MTPH/TTPH Harness Series
logo
Sumida Corporation
CPFC0605 SUMIDA-CPFC0605 Datasheet
526Kb / 4P
CAN Bus, LED head lamp unit, AV/OA equipment
CPFC94B SUMIDA-CPFC94B Datasheet
415Kb / 4P
CAN Bus, LED head lamp unit, AV/OA equipment
logo
Amphenol Corporation
P-MUSB-2E151-0X5BP AMPHENOL-P-MUSB-2E151-0X5BP Datasheet
48Kb / 1P
RUBBER: SILICONE RUBBER
logo
3M Electronics
PR40 3M-PR40 Datasheet
425Kb / 4P
3M Scotch-Weld??Plastic and Rubber Instant Adhesives
847H 3M-847H Datasheet
310Kb / 4P
3M™ Nitrile High Performance Rubber & Gasket Adhesive
May-2019
3RDI 3M-3RDI Datasheet
330Kb / 2P
3M™ Scott™ Epic 3 RDI
EC-4419 3M-EC-4419 Datasheet
38Kb / 4P
3M Scotch-GripTM Fire Resistant Rubber Based Adhesive
7893S 3M-7893S Datasheet
53Kb / 1P
3M??Head Strap/Harness Assembly 7893S, Silicone, 2 EA/Case
logo
CUI INC
CUI-3131-6FT CUI-CUI-3131-6FT_V01 Datasheet
96Kb / 1P
WIRE HARNESS
04/10/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com