Electronic Components Datasheet Search
  English  ▼

X  

8979N Datasheet(PDF) 3 Page - 3M Electronics

Part # 8979N
Description  3M??Performance Plus Duct Tape Nuclear Grade
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8979N Datasheet(HTML) 3 Page - 3M Electronics

  8979N Datasheet HTML 1Page - 3M Electronics 8979N Datasheet HTML 2Page - 3M Electronics 8979N Datasheet HTML 3Page - 3M Electronics 8979N Datasheet HTML 4Page - 3M Electronics 8979N Datasheet HTML 5Page - 3M Electronics 8979N Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3M™ Performance Plus Duct Tape Nuclear Grade 8979N
Typical Performance Characteristics (continued)
Property Values
Method
Dwell/Cure
Time
Substrate
Notes
Minimum
Application
Temperature
4 °C
40 °F
Flame
Spread
Index
5
ASTM
E84
UL-723, NFPA 255, and UBC 8-1 are
publications of the same test
method.
Smoke
Developed
Index
0
ASTM
E84
UL-723, NFPA 255, and UBC 8-1 are
publications of the same test
method.
Available Sizes
Property
Values
Standard Roll Length
54.8 m
60 yd
Handling/Application Information
Application Ideas
• Ideal for demanding duct tape applications in the nuclear power plant, ship building and stainless steel fabrication
industries.
• Applications in the construction, electrical, industrial, marine and military markets.
• Applications for sealing, holding, identi cation and protection.
• Maintenance Repair and Other (MRO) applications for patching, bundling, reinforcing, tabbing and temporary
repair.
• Taping and splicing insulation, capping pipe and conduit ends, marking and labeling.
• Hanging polyethylene drapes, industrial masking and light sandblast overspray protection.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com