Electronic Components Datasheet Search
  English  ▼

X  

3797 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3797
Description  3M Hot Melt Adhesive
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3797 Datasheet(HTML) 1 Page - 3M Electronics

  3797 Datasheet HTML 1Page - 3M Electronics 3797 Datasheet HTML 2Page - 3M Electronics 3797 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3
Hot Melt Adhesive
3747 • 3779 • 3789 • 3797
Technical Data
July, 2016
Product Description
3M™ Hot Melt Adhesives are heat applied, 100% solids adhesives. 3M™ Hot Melt
3747, 3779, 3789 and 3797 are thermoplastic adhesives to bond to wide variety of
substrates such as wood, plastic, vinyl, metal and glass.
3M™ Hot Melt Adhesive 3747
General purpose adhesive for bonding dissimilar
substrates such as wood to plastic, fabric to metal.
3M™ Hot Melt Adhesive 3779
High strength bonding with excellent
environmental stability including very high heat
resistance. Fast set time.
3M™ Hot Melt Adhesive 3789
High performance for plastic with good fuel, oil
and plasticizer resistance. Long open time.
3M™ Hot Melt Adhesive 3797
Low viscosity for fast flow rates, good high
temperature resistance, and fast set. Good for
electrical potting.
Features
 100% solids, no VOCs
 Easy to use
 Long open times allow for easy use on large assemblies and large surfaces
 Adhesive sets and obtains strength in seconds
 Creates high performance bonds
 Ideal for woodworking and general industrial applications.
Typical Physical
Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
3M™ Hot Melt Adhesive
3747
3779
3789
3797
Color (solid)
Tan
Amber
Brown
Off-White
Density (g/cm3)
0.97
0.99
0.95
0.92
Flashpoint (°F)1
509
550
>392
570
(1) Determined by Cleveland Open Cup ASTM D 92-72.
Directions for
Use
1. Surface Preparation: Surfaces must be clean, dry and dust free. Wipe with a solvent
such as isopropyl alcohol for plastic, metal and glass substrates to remove oil and dirt.*
*Note: When using solvents, extinguish all ignition sources, including pilot lights, and
follow the manufacturer’s precautions and directions for use.
2. Application: 3M™ Hot Melt Adhesives are designed for application with a 3M™ Hot
Melt Applicators. Read and follow the precautions and directions for use in the user’s
manual before operating the applicator. 3M™ Hot Melt Adhesives are applied at 350-
385°F. Adhesives yield approximately 430 linear feet per pound of adhesive when
extruded as a 1/8” diameter semi-circular bead. Extruded bead sizes can be customized
using 3M™ applicator tips.


Similar Part No. - 3797

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3797 3M-3797 Datasheet
340Kb / 3P
3M Hot Melt Adhesive
logo
Heyco.
3797 HEYCO-3797 Datasheet
121Kb / 1P
Lockit™ Loops
logo
Adafruit Industries
3797 ADAFRUIT-3797 Datasheet
1Mb / 3P
DIN Rail RJ-45 To Terminal Block Adapter - Right Angle Jack
6-4-18
More results

Similar Description - 3797

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDC009 ETC2-MDC009 Datasheet
238Kb / 4P
HOT MELT APPLICATOR OPERATING INSTRUCTIONS
logo
3M Electronics
3748VO 3M-3748VO Datasheet
142Kb / 6P
3M™ Self-Extinguishing Hot Melt Adhesive 3748 VO
Feb-2015
6111HT 3M-6111HT Datasheet
454Kb / 4P
Sprayable Hot Melt Adhesive
23-Jan-2008
3792 3M-3792 Datasheet
345Kb / 4P
Hot Melt Adhesive
Jul-2016
3776LM 3M-3776LM Datasheet
345Kb / 4P
Hot Melt Adhesive
Jul-2016
3748 3M-3748 Datasheet
334Kb / 3P
Hot Melt Adhesive
Jul-2016
3750 3M-3750 Datasheet
336Kb / 3P
3M Hot Melt Adhesive
Jul-2016
3798LM 3M-3798LM Datasheet
124Kb / 6P
3M™ Hot Melt Adhesive 3798LM
Mar-2015
3797 3M-3797 Datasheet
340Kb / 3P
3M Hot Melt Adhesive
3762 3M-3762 Datasheet
335Kb / 3P
3M Hot Melt Adhesive
Jul-2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com