Electronic Components Datasheet Search
  English  ▼

X  

CDC950 Datasheet(PDF) 8 Page - Texas Instruments

Part # CDC950
Description  133-MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS/SERVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC950 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDC950 Datasheet HTML 4Page - Texas Instruments CDC950 Datasheet HTML 5Page - Texas Instruments CDC950 Datasheet HTML 6Page - Texas Instruments CDC950 Datasheet HTML 7Page - Texas Instruments CDC950 Datasheet HTML 8Page - Texas Instruments CDC950 Datasheet HTML 9Page - Texas Instruments CDC950 Datasheet HTML 10Page - Texas Instruments CDC950 Datasheet HTML 11Page - Texas Instruments CDC950 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CDC950
133MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR
PC MOTHERBOARDS/SERVERS
SCAS646B − FEBRUARY 2001 − REVISED OCTOBER 2003
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
HCLK/HCLK (Type X1)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
ro
Output resistance
3000
Ω
VO
Output voltage
1.2
V
IO
Output current
VDD = 3.30 V nom
All combinations of Table 5, See Note 5
−7%
l(NOM)
7%
l(NOM)
mA
IO
Output current
VDD = 3.30 V, ±5%
All combinations of Table 5, See Note 5
−12%
l(NOM)
12%
l(NOM)
mA
CO
Output capacitance
VDD = 3.30 V nom
VO = VDD GND
3.5
pF
NOTE 5: I(NOM) is output current (IOH) of table 5.
3V48, 3V48REFCLK (Type 3)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
VDD = min to max,
IOH = –1 mA
VDD – 0.1
VOH
High-level output voltage
VDD = 3.135 V,
IOH = −14 mA
2.4
V
VOL
Low-level output voltage
VDD = min to max,
IOL = 1 mA
0.1
V
VOL
Low-level output voltage
VDD = 3.135 V,
IOL = 9 mA
0.18
0.4
VDD = 3.135 V,
VO = 1 V
−29
IOH
High-level output current
VDD = 3.3 V,
VO = 1.65 V
−37
IOH
High-level output current
VDD = 3.465 V,
VO = 3.135 V
−11
−23
mA
VDD = 3.135 V,
VO = 1.95 V
29
mA
IOL
Low-level output current
VDD = 3.3 V,
VO = 1.65 V
39
IOL
Low-level output current
VDD = 3.465 V,
VO = 0.4 V
16
27
CO
Output capacitance
VDD = 3.3 V,
VO = VDD or GND
4.5
7
pF
Zo
Output impedance
High state
VO = 0.5 VDD,
VO/IOH
20
40
60
Ω
Zo
Output impedance
Low state
VO = 0.5 VDD,
VO/IOL
20
40
60
Ω
† All typical values are measured at their respective nominal VDD values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com