Electronic Components Datasheet Search
  English  ▼

X  

FS1027 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # FS1027
Description  Liquid Flow Sensor Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS1027 Datasheet(HTML) 5 Page - Renesas Technology Corp

  FS1027 Datasheet HTML 1Page - Renesas Technology Corp FS1027 Datasheet HTML 2Page - Renesas Technology Corp FS1027 Datasheet HTML 3Page - Renesas Technology Corp FS1027 Datasheet HTML 4Page - Renesas Technology Corp FS1027 Datasheet HTML 5Page - Renesas Technology Corp FS1027 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Top View
64
30.3
- [ l
("')
P1=1'2
-
l�
�J
16 8
2
I I
__2_
II •'J,
0 0 0 0
II
1.5
II
II
"
23
@@@@@@
C3
[r1�P2]
t------1
�----+-+-
:0
Vo
Bottom View
-
-
-
CJ'>
FS1027 Package Outline Drawing
64.0 x 31.5 mm Module
MOD0D1, PSC-4741-01, Rev 00, Page 1
Package Revision History
Date Created Rev No.
Description
Nov 28, 2017
Rev 00 Initial Release



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com