Electronic Components Datasheet Search
  English  ▼

X  

IPS2200STKIT Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # IPS2200STKIT
Description  Inductive Position Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2200STKIT Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button IPS2200STKIT Datasheet HTML 26Page - Renesas Technology Corp IPS2200STKIT Datasheet HTML 27Page - Renesas Technology Corp IPS2200STKIT Datasheet HTML 28Page - Renesas Technology Corp IPS2200STKIT Datasheet HTML 29Page - Renesas Technology Corp IPS2200STKIT Datasheet HTML 30Page - Renesas Technology Corp IPS2200STKIT Datasheet HTML 31Page - Renesas Technology Corp IPS2200STKIT Datasheet HTML 32Page - Renesas Technology Corp IPS2200STKIT Datasheet HTML 33Page - Renesas Technology Corp IPS2200STKIT Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
IPS2200 Datasheet
Jan.19.21
Page 30
17. Application Examples
Typical coil and target arrangements are shown in Figure 21 to Figure 24: As examples, rotary designs for 1
360°, 2
 180°, 3  120° and 4  90° are shown. Many other combinations (essentially any n x 360/n) are
possible, where n is an integer number.
For example, in sensor designs for brushless DC rotor position feedback, n could be the number of pole pairs on
the rotor. In such cases, the output signal of the IPS2200 would be one electric period per each pole pair.
Figure 21. Coil Design and Signal Output for a 360° Rotary Sensor
Figure 22. Coil Design and Signal Output for a 2
 180° Rotary Sensor
Figure 23. Coil Design and Signal Output for a 3
 120° Rotary Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com