Electronic Components Datasheet Search
  English  ▼

X  

MB6F-S Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MB6F-S
Description  Surface mount bridge rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MB6F-S Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MB6F-S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MB6F-S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MB6F-S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MB05F-S thru MB10F-S
Surface mount bridge rectifiers
Features
●
Glass passivated die construction
●
Low forward voltage drop
●
High surge current capability
●
Desgned for surface mount application
●
Component in accordance to
RoHS 2011/65/EU
Major Ratings and Characteristics
Mechanical Date
●
Case:MBF-S
Molding compound meets
UL 94 V-0 flammability rating
●
Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
●
Polarity: Polarity symbols marked on body
●
Marking: type number
Maximum Ratings & Thermal Characteristics (T
A = 25 °C unless otherwise noted)
Note:1.On glass epoxy P.C.B. mounted on 0.05x0.05" (1.3mmx1.3mm) pads
2.On aluminum substrate P.C.B. with mounted on 0.05×0.05"(1.3×1.3mm) solder pad
IF(AV)
0.5A,0.8A
VRRM
50V to 1000V
IFSM
30A
Items
Maximum repetitive peak reverse voltage
Maximum RMS reverse voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TA(see Fig1.)
-on glass-epoxy P.C.B
(1)
-on aluminum substrate
(2)
IF(AV)
0.8
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
Thermal resistance from junction to ambient
0.5
30
85
TJ,TSTG
20
-55 to +150
RθJL
(1)
140
280
420
600
V
560
°C/W
℃
Symbol
MB
10F-S
V
800
50
100
200
400
600
VRRM
MB
05F-S
MB
1F-S
A
400
A
700
800
1000
1.0V
5.0μA
V
Tjmax.
150℃
1000
Unit
MB
2F-S
MB
4F-S
MB
6F-S
MB
8F-S
50
IR
VF
RθJA
(1)
100
35
70
200
VRMS
VDC
IFSM
Thermal resistance from junction to lead
Operating junction and storage temperature
range
MBF-S
Rev : 01.06.2014
1/3
www.leiditech.com


Similar Part No. - MB6F-S

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MB6F-05 YFWDIODE-MB6F-05 Datasheet
424Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB6F-05 YFWDIODE-MB6F-05 Datasheet
476Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB6F-05 YFWDIODE-MB6F-05 Datasheet
493Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
MB6F-10 YFWDIODE-MB6F-10 Datasheet
476Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Dongguan Pingjingsemi T...
MB6F-10 PJSEMI-MB6F-10 Datasheet
568Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
More results

Similar Description - MB6F-S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DB101 SECOS-DB101_17 Datasheet
188Kb / 2P
Surface Mount Bridge Rectifiers
DB201S SECOS-DB201S_17 Datasheet
182Kb / 2P
Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_17 Datasheet
176Kb / 2P
Surface Mount Bridge Rectifiers
logo
Guangdong Juxing Electr...
ABS2 JUXING-ABS2_18 Datasheet
2Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dongguan Pingjingsemi T...
MB1F-PJ PJSEMI-MB1F-PJ Datasheet
374Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
ABS22 JUXING-ABS22_V01 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
ABS152 JUXING-ABS152 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
TMBF301 JUXING-TMBF301 Datasheet
1Mb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
ULBF508 JUXING-ULBF508 Datasheet
957Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
UMB10F JUXING-UMB10F Datasheet
922Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com