Electronic Components Datasheet Search
  English  ▼

X  

XCSB512 Datasheet(PDF) 2 Page - Schneider Electric

Part # XCSB512
Description  metal safety switch XCSB - 1 NC 2 NO - slow break - 1 entry tapped M20
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSB512 Datasheet(HTML) 2 Page - Schneider Electric

  XCSB512 Datasheet HTML 1Page - Schneider Electric XCSB512 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Width
52 mm
Net weight
0.475 kg
Environment
Standards
EN/ISO 12100
EN 1088/ISO 14119
EN/IEC 60947-5-1
EN/IEC 60204-1
UL 508
CSA C22.2 No 14
Product certifications
CSA
UL
Protective treatment
TC
Ambient air temperature for operation
-25…70 °C
Ambient air temperature for storage
-40…70 °C
Vibration resistance
5 gn (f= 10…500 Hz) conforming to IEC 60068-2-6
Shock resistance
10 gn for 11 ms conforming to IEC 60068-2-27
Electrical shock protection class
Class I conforming to EN/IEC 61140
IP degree of protection
IP67 conforming to EN/IEC 60529 and EN/IEC 60947-5-1
Packing Units
Package 1 Weight
0.508 kg
Package 1 Height
1.220 dm
Package 1 width
0.500 dm
Package 1 Length
0.680 dm
Offer Sustainability
Sustainable offer status
Green Premium product
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Mercury free
Yes
RoHS exemption information
Yes
Environmental Disclosure
Product Environmental Profile
Contractual warranty
Warranty
18 months



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com