Electronic Components Datasheet Search
  English  ▼

X  

XCSB513 Datasheet(PDF) 2 Page - Schneider Electric

Part # XCSB513
Description  metal safety switch XCSB - 1 NC 2 NO - slow break - 1 entry tapped 1/2" NPT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSB513 Datasheet(HTML) 2 Page - Schneider Electric

  XCSB513 Datasheet HTML 1Page - Schneider Electric XCSB513 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Minimum actuator force for extraction
20 N
Maximum operating rate
10 cyc/mn for maximum durability
Safety level
Can reach category 4 with the appropriate monitoring system and correctly wired
conforming to EN/ISO 13849-1
Can reach PL = e with the appropriate monitoring system and correctly wired
conforming to EN/ISO 13849-1
Can reach SIL 3 with the appropriate monitoring system and correctly wired
conforming to EN/IEC 61508
Safety reliability data
B10d = 5000000 value given for a life time of 20 years limited by mechanical or
contact wear
Body material
Zamak
Head material
Zamak
Depth
44 mm
Height
114 mm
Width
52 mm
Net weight
0.475 kg
Environment
Standards
EN/IEC 60204-1
EN/IEC 60947-5-1
EN 1088/ISO 14119
CSA C22.2 No 14
EN/ISO 12100
UL 508
Product certifications
CSA
UL
Protective treatment
TC
Ambient air temperature for operation
-25…70 °C
Ambient air temperature for storage
-40…70 °C
Vibration resistance
5 gn (f= 10…500 Hz) conforming to IEC 60068-2-6
Shock resistance
10 gn for 11 ms conforming to IEC 60068-2-27
Electrical shock protection class
Class I conforming to EN/IEC 61140
IP degree of protection
IP67 conforming to EN/IEC 60529 and EN/IEC 60947-5-1
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
508 g
Package 1 Height
12.2 cm
Package 1 width
5 cm
Package 1 Length
6.8 cm
Offer Sustainability
REACh Regulation
REACh Declaration
EU RoHS Directive
Not applicable, out of EU RoHS legal scope
Environmental Disclosure
Product Environmental Profile
Contractual warranty
Warranty
18 months



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com