Electronic Components Datasheet Search
  English  ▼

X  

XCSB522 Datasheet(PDF) 1 Page - Schneider Electric

Part # XCSB522
Description  metal safety switch XCSB - 1 NC 2 NO - slow break - 1 entry tapped M20
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSB522 Datasheet(HTML) 1 Page - Schneider Electric

  XCSB522 Datasheet HTML 1Page - Schneider Electric XCSB522 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jan 29, 2021
1
Product data sheet
Characteristics
XCSB522
metal safety switch XCSB - 1 NC + 2 NO - slow
break - 1 entry tapped M20
Main
Range of product
Preventa Safety detection
Product or component
type
Safety switch
Component name
XCSB
Design
Industrial
Material
Metal
Head type
Key operated turret head
Contacts type and
composition
1 NC + 2 NO
Contact operation
Slow-break, break before make
Cable entry
1 entry tapped for M20 x 1.5
Cable outer diameter
7…13 mm
Electrical connection
Terminal, clamping capacity: 1 x 0.5...2 x 1.5 mm²
with or without cable end
Number of poles
3
Locking options
description
With locking of actuator, unlocking by push-button
Local signalling
1 LED (orange) for on opening of NC contacts
Signalling circuit voltage
110/240 V
Complementary
Positive opening
With NC contact
Signalling circuit type
AC
Mechanical durability
600000 cycles
Minimum actuation speed
0.01 m/s
Maximum actuation speed
0.5 m/s
[Ie] rated operational current
6 A at 120 V, AC-15, A300 conforming to EN/IEC 60947-5-1
3 A at 240 V, AC-15, A300 conforming to EN/IEC 60947-5-1
0.55 A at 125 V, DC-13, Q300 conforming to EN/IEC 60947-5-1
0.27 A at 250 V, DC-13, Q300 conforming to EN/IEC 60947-5-1
[Ithe] conventional enclosed thermal current
10 A
[Ui] rated insulation voltage
300 V conforming to UL 508
500 V conforming to EN/IEC 60947-1
300 V conforming to CSA C22.2 No 14
[Uimp] rated impulse withstand voltage
EN/IEC 60947-5-1 6 kV
Short-circuit protection
10 A cartridge fuse type gG (gl)
Actuator forcible withdrawal rtc
1500 N
Minimum actuator force for extraction
20 N
Maximum operating rate
10 cyc/mn for maximum durability
Safety level
Can reach category 4 with the appropriate monitoring system and correctly wired
conforming to EN/ISO 13849-1
Can reach PL = e with the appropriate monitoring system and correctly wired
conforming to EN/ISO 13849-1
Can reach SIL 3 with the appropriate monitoring system and correctly wired
conforming to EN/IEC 61508
Safety reliability data
B10d = 5000000 value given for a life time of 20 years limited by mechanical or
contact wear
Body material
Zamak
Head material
Zamak
Depth
44 mm
Height
114 mm


Similar Part No. - XCSB522

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSB521 SCHNEIDER-XCSB521 Datasheet
102Kb / 2P
metal safety switch XCSB - 1 NC 2 NO - slow break - 1 entry tapped Pg 13
Jan 29, 2021
XCSB523 SCHNEIDER-XCSB523 Datasheet
102Kb / 2P
metal safety switch XCSB - 1 NC 2 NO - slow break - 1 entry tapped 1/2" NPT
Jan 29, 2021
More results

Similar Description - XCSB522

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSB502 SCHNEIDER-XCSB502 Datasheet
107Kb / 2P
metal safety switch XCSB - 1 NC 2 NO - slow break - 1 entry tapped M20
Jan 29, 2021
XCSB503 SCHNEIDER-XCSB503 Datasheet
107Kb / 2P
metal safety switch XCSB - 1 NC 2 NO - slow break - 1 entry tapped 1/2" NPT
Jan 29, 2021
XCSB512 SCHNEIDER-XCSB512 Datasheet
106Kb / 2P
metal safety switch XCSB - 1 NC 2 NO - slow break - 1 entry tapped M20
Jan 29, 2021
XCSB513 SCHNEIDER-XCSB513 Datasheet
104Kb / 2P
metal safety switch XCSB - 1 NC 2 NO - slow break - 1 entry tapped 1/2" NPT
NOV 30, 2021
XCSB523 SCHNEIDER-XCSB523 Datasheet
102Kb / 2P
metal safety switch XCSB - 1 NC 2 NO - slow break - 1 entry tapped 1/2" NPT
Jan 29, 2021
XCSB712 SCHNEIDER-XCSB712 Datasheet
107Kb / 2P
metal safety switch XCSB - 2 NC 1 NO - slow break - 1 entry tapped M20
Jan 29, 2021
XCSB713 SCHNEIDER-XCSB713 Datasheet
107Kb / 2P
metal safety switch XCSB - 2 NC 1 NO - slow break - 1 entry tapped 1/2" NPT
Jan 29, 2021
XCSB722 SCHNEIDER-XCSB722 Datasheet
102Kb / 2P
metal safety switch XCSB - 2 NC 1 NO - slow break - 1 entry tapped M20
Jan 29, 2021
XCSB723 SCHNEIDER-XCSB723 Datasheet
107Kb / 2P
metal safety switch XCSB - 2 NC 1 NO - slow break - 1 entry tapped 1/2" NPT
Jan 29, 2021
XCSB802 SCHNEIDER-XCSB802 Datasheet
107Kb / 2P
metal safety switch XCSB - 3 NC - slow break - 1 entry tapped M20
Jan 29, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com