Electronic Components Datasheet Search
  English  ▼

X  

MJE4353 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJE4353
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJE4353 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJE4353 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJE4353 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc Website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistor
MJE4353
DESCRIPTION
·
Collector-Emitter Sustaining Voltage-
: VCEO(SUS)= -160V(Min)
·
DC current gain -
: hFE = 15 (Min) @IC= -8 A
: hFE = 8 (Min) @IC= -16A
·
Complement to Type MJE4343
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
For use in high power audio amplifier and
switching regulator circuits
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-160
V
VCEO
Collector-Emitter Voltage
-160
V
VEBO
Emitter-Base Voltage
-7
V
IC
Collector Current -Continuous
-16
A
IB
Base Current
-5
A
PC
Collector Power Dissipation
@TC=25℃
125
W
Tj
Junction Temperature
-65~150
℃
Tstg
Storage Temperature
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.0
℃
/W


Similar Part No. - MJE4353

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE4353 MOSPEC-MJE4353 Datasheet
135Kb / 4P
POWER TRANSISTORS(16A,100-160V,125W)
logo
Motorola, Inc
MJE4353 MOTOROLA-MJE4353 Datasheet
197Kb / 6P
16 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140-160 VOLTS
logo
Savantic, Inc.
MJE4353 SAVANTIC-MJE4353 Datasheet
139Kb / 3P
Silicon PNP Power Transistors
logo
ON Semiconductor
MJE4353 ONSEMI-MJE4353 Datasheet
147Kb / 7P
High?뭋oltage  High Power Transistors
March, 2006 ??Rev. 4
logo
Inchange Semiconductor ...
MJE4353 ISC-MJE4353 Datasheet
134Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - MJE4353

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA743 ISC-2SA743 Datasheet
104Kb / 2P
isc Silicon PNP Power Transistor
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
isc Silicon PNP Power Transistor
BD908 ISC-BD908 Datasheet
106Kb / 2P
isc Silicon PNP Power Transistor
2SA1758 ISC-2SA1758 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
2SA744 ISC-2SA744 Datasheet
72Kb / 2P
isc Silicon PNP Power Transistor
2SA1301 ISC-2SA1301 Datasheet
78Kb / 2P
isc Silicon PNP Power Transistor
2SA1386 ISC-2SA1386 Datasheet
148Kb / 3P
isc Silicon PNP Power Transistor
MJE2901T ISC-MJE2901T Datasheet
101Kb / 2P
isc Silicon PNP Power Transistor
2SA671 ISC-2SA671 Datasheet
113Kb / 2P
isc Silicon PNP Power Transistor
2SB679 ISC-2SB679 Datasheet
79Kb / 2P
isc Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com