Electronic Components Datasheet Search
  English  ▼

X  

DS160PR412 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DS160PR412
Description  DS160PR412 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 1:2 Demux
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS160PR412 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DS160PR412 Datasheet HTML 17Page - Texas Instruments DS160PR412 Datasheet HTML 18Page - Texas Instruments DS160PR412 Datasheet HTML 19Page - Texas Instruments DS160PR412 Datasheet HTML 20Page - Texas Instruments DS160PR412 Datasheet HTML 21Page - Texas Instruments DS160PR412 Datasheet HTML 22Page - Texas Instruments DS160PR412 Datasheet HTML 23Page - Texas Instruments DS160PR412 Datasheet HTML 24Page - Texas Instruments DS160PR412 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
8.2.1.4 Application Curves
The DS160PR412 is a linear redriver that can be used to extend channel reach of a PCIe link. Normally, PCIe-
compliant TX and RX are equipt with signal-conditioning functions and can handle channel losses of up to 28 dB
at 8 GHz. In real implementation the channel reach is often lower. With the DS160PR412 in the link, the total
channel loss between a PCIe root complex and an end-point can be extended up to 42 dB at 8 GHz.
Figure 8-3 shows an electric link that models a single channel of a PCIe link and eye diagrams measured at
different locations along the link. The source that models a PCIe Transmitter sends a 16 Gbps PRBS-15 signal
with P7 presets. After a transmission channel with –30 dB at 8 GHz insertion loss, the eye diagram is fully
closed. The DS160PR412 with its CTLE set to the maximum (17 dB boost) together with the source TX
equalization compensates for the losses of the pre-channel (TL1) and opens the eye at the output of the device.
The post-channel (TL2) losses mandate the use of PCIe RX equalization functions such as CTLE and DFE that
are normally available in a PCIe-compliant receiver.
CPU / PCIe RC
16 Gbps, PRBS15
800mV
Pre-Cursor: 3.5 dB
Post-Cursor: -6 dB
DUT
PCIe 4.0 Redriver
RX EQ = 15 (17 dB)
TL1
-30 dB @ 8 GHz
TL2
-15 dB @ 8 GHz
PCIe
End Point
RX CTLE:
12 dB
Figure 8-3. PCIe 4.0 Link Reach Extension Using the DS160PR412
www.ti.com
DS160PR412
SNLS685 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DS160PR412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com