Electronic Components Datasheet Search
  English  ▼

X  

INA592ID Datasheet(PDF) 3 Page - Texas Instruments

Part # INA592ID
Description  INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA592ID Datasheet(HTML) 3 Page - Texas Instruments

  INA592ID Datasheet HTML 1Page - Texas Instruments INA592ID Datasheet HTML 2Page - Texas Instruments INA592ID Datasheet HTML 3Page - Texas Instruments INA592ID Datasheet HTML 4Page - Texas Instruments INA592ID Datasheet HTML 5Page - Texas Instruments INA592ID Datasheet HTML 6Page - Texas Instruments INA592ID Datasheet HTML 7Page - Texas Instruments INA592ID Datasheet HTML 8Page - Texas Instruments INA592ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
Device Comparison Table
DEVICE
DESCRIPTION
GAIN EQUATION
INA592
High-precision, wide-bandwidth e-trim™ difference amplifier
G = 0.5 V/V or 2 V/V
INA159
G = 0.2 V differential amplifier for ±10-V to 3-V and 5-V conversion
G = 0.2 V/V
INA137
Audio differential line receiver ±6 dB (G = 1/2 or 2)
G = 0.5 V/V or 2 V/V
INA132
Low power, single-supply difference amplifier
G = 1 V/V
INA819
35-µV offset, 0.4 µV/°C VOS drift, 8-nV/√ Hz noise, low-power, precision instrumentation amplifier
G = 1 + 50 kΩ / RG
INA821
35-µV offset, 0.4 µV/°C VOS drift, 7-nV/√ Hz noise, high-bandwidth, precision instrumentation amplifier G = 1 + 49.4 kΩ / RG
INA333
25-µV VOS, 0.1 µV/°C VOS drift, 1.8-V to 5-V, RRO, 50-µA IQ, chopper-stabilized INA
G = 1 + 100 kΩ / RG
PGA280
20-mV to ±10-V programmable gain IA with 3-V or 5-V differential output; analog supply up to ±18 V
Digital programmable
PGA112
Precision programmable gain op amp with SPI
Digital programmable
5 Pin Configuration and Functions
1
REF
8
NC
2
±IN
7
V+
3
+IN
6
OUT
4
V±
5
SENSE
NC = No Connection
Figure 5-1. D (SOIC-8, Preview) and DGK (VSSOP-8) Packages, Top View
5
+INOP
6
V–
1
REF
10
NC
2
–INOP
9
V+
3
–IN
8
OUT
4
+IN
7
SENSE
NC= No Connection
Thermal pad
Figure 5-2. DRC Package 10-Pin VSON With Thermal Pad Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DGK, D
(VSSOP, SOIC)
DRC (VSON)
+IN
3
4
I
12-kΩ resistor to non-inverting terminal of op amp. Used as positive input in G =
½ configuration. Used as reference pin in G = 2 configuration.
–IN
2
3
I
12-kΩ resistor to inverting terminal of op amp. Used as negative input in G = ½
configuration. Connect to output in G = 2 configuration.
+INOP
—
10
I
Direct connection to non-inverting terminal of op amp
–INOP
—
1
I
Direct connection to inverting terminal of op amp
OUT
6
7
O
Output
www.ti.com
INA592
SBOS914D – OCTOBER 2018 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com