Electronic Components Datasheet Search
  English  ▼

X  

ISO6731F Datasheet(PDF) 8 Page - Texas Instruments

Part # ISO6731F
Description  ISO6731 General-Purpose Triple-Channel Digital Isolator with Robust EMC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6731F Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO6731F Datasheet HTML 4Page - Texas Instruments ISO6731F Datasheet HTML 5Page - Texas Instruments ISO6731F Datasheet HTML 6Page - Texas Instruments ISO6731F Datasheet HTML 7Page - Texas Instruments ISO6731F Datasheet HTML 8Page - Texas Instruments ISO6731F Datasheet HTML 9Page - Texas Instruments ISO6731F Datasheet HTML 10Page - Texas Instruments ISO6731F Datasheet HTML 11Page - Texas Instruments ISO6731F Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
6.7 Safety-Related Certifications
VDE
CSA
UL
CQC
TUV
Plan to certify according to
DIN VDE V 0884-11:2017-
01
Plan to certify according to
IEC 60950-1 and IEC
62368-1
Plan to certify according to
UL 1577 Component
Recognition Program
Plan to certify according to
GB4943.1-2011
Plan to certify according to
EN 61010-1:2010/
A1:2019, EN
60950-1:2006/A2:2013
and EN 62368-1:2014
Maximum transient
isolation voltage,
7071 VPK;
Maximum repetitive peak
isolation voltage, 1500
VPK;
Maximum surge isolation
voltage,
6250 VPK
5000 VRMS insulation per
CSA 60950-1-07+A1+A2,
IEC 60950-1 2nd
Ed.+A1+A2, CSA
62368-1- 14 and IEC
62368-1:2014 800 VRMS
(DW-16) maximum
working voltage (pollution
degree 2, material group I)
Single protection,
5000 VRMS
Reinforced insulation,
Altitude ≤ 5000 m, Tropical
Climate,
700 VRMS maximum
working voltage
5000 VRMS insulation per
EN 61010-1:2010 (3rd Ed)
up to working voltage of
600 VRMS
5000 VRMS insulation per
EN 60950- 1:2006/
A2:2013 up to working
voltage of 800 VRMS
Certificate planned
Certificate planned
Certificate planned
Certificate planned
Certificate planned
6.8 Safety Limiting Values
Safety limiting(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DW-16 PACKAGE
IS
Safety input, output, or supply current
RθJA =73°C/W, VI = 5.5 V, TJ = 150°C, TA
= 25°C
311.4
mA
RθJA = 73°C/W, VI = 3.6 V, TJ = 150°C, TA
= 25°C
475.7
mA
RθJA = 73°C/W, VI = 2.75 V, TJ = 150°C,
TA = 25°C
622
RθJA = 73°C/W, VI = 1.89 V, TJ = 150°C,
TA = 25°C
905.1
mA
PS
Safety input, output, or total power
RθJA = 73°C/W, TJ = 150°C, TA = 25°C
1712.4
mW
TS
Maximum safety temperature
150
°C
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The IS
and PS parameters represent the safety current and safety power respectively. The maximum limits of IS and PS should not be
exceeded. These limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in the table is that of a device installed on a high-K test board for leaded surface-mount
packages. Use these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum allowed junction temperature.
PS = IS × VI, where VI is the maximum input voltage.
ISO6731
SLASEY9 – JANUARY 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISO6731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com