Electronic Components Datasheet Search
  English  ▼

X  

INA819 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # INA819
Description  INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA819 Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA819 Datasheet HTML 19Page - Texas Instruments INA819 Datasheet HTML 20Page - Texas Instruments INA819 Datasheet HTML 21Page - Texas Instruments INA819 Datasheet HTML 22Page - Texas Instruments INA819 Datasheet HTML 23Page - Texas Instruments INA819 Datasheet HTML 24Page - Texas Instruments INA819 Datasheet HTML 25Page - Texas Instruments INA819 Datasheet HTML 26Page - Texas Instruments INA819 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
9.2 Typical Application
9.2.1 Sensor Conditioning Circuit
Figure 9-6 shows a typical application for the INA849.
+
±
RG
íVS
+VS
RG
REF
R1
1 k
R2
1 k
INA849
R6
10 k
C3
0.1 …F
C4
0.1 …F
OPA192
C7
100 pF
R4
100 k
R5
100 k
5 V
íVS
+VS
C6
0.1 …F
C1
470 pF
RG
C2
470 pF
C3
47 pF
+IN
íIN
Figure 9-6. Sensor Conditioning Circuit
9.2.1.1 Design Requirements
For the typical application, the design requirements are:
• Power-supply voltage of VS = ± 15 V
• AC-coupled input signal
– Capacitor tolerance of 5%
• Reference voltage buffered to VREF = 2.5 V
• Output range within 0 V to 5 V
• First-order filter stage with ‒3-dB frequency of 27 kHz
9.2.1.2 Detailed Design Procedure
If the instrumentation amplifier is used to drive ac-coupled input signals, an input bias current path must be
provided as described in Section 9.1.2, represented with resistors R1 and R2 in Figure 9-6. For the selection of
the resistor value, a trade-off must be made between input current noise that increases at lower values and input
voltage noise that increases at higher values.
Section 9.1.1 states that the reference pin must be connected to a low-impedance reference, as shown in the
application circuit example of the Sensor Conditioning Circuit. The reference pin must be connected to a 2.5-V
reference voltage established through a high-resistive divider. The OPA192 helps to buffer the reference voltage.
The effective output impedance of the OPA192 is derived as follows. The dc open-loop impedance of the
OPA192 amplifier is approximately 3 kΩ. In a buffer configuration (AV = 1), the output impedance of an amplifier
degrades by the open-loop voltage gain. The OPA192 specifies a typical AOL of 126 dB, thereby resulting in an
output impedance of ROUT = 1.5 mΩ.
www.ti.com
INA849
SBOS945A – NOVEMBER 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: INA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com