Electronic Components Datasheet Search
  English  ▼

X  

INA828 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # INA828
Description  INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA828 Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA828 Datasheet HTML 20Page - Texas Instruments INA828 Datasheet HTML 21Page - Texas Instruments INA828 Datasheet HTML 22Page - Texas Instruments INA828 Datasheet HTML 23Page - Texas Instruments INA828 Datasheet HTML 24Page - Texas Instruments INA828 Datasheet HTML 25Page - Texas Instruments INA828 Datasheet HTML 26Page - Texas Instruments INA828 Datasheet HTML 27Page - Texas Instruments INA828 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
9.2.2 Phantom Power in Microphone Preamplifier Circuit
+
–
0.1 μF
0.1 μF
6.2 k
6.2 k
+VS
VS
IN+
IN
VOUT
48-V
GND
RG
RG
REF
INA849
47 µF
47 µF
47 k
3 k
3 k
GND
VS
VS
+VS
R1
R2
R3
C3
C4
R4
R5
C5
C6
R7
2 k
R6
Figure 9-7. Phantom Power in Microphone Preamplifier Circuit
Figure 9-7 shows a typical application circuit for a microphone input amplifier used to generate phantom power.
Phantom power is a technique to provide power and the audio signal using the same signal path.
R1 and R2 connected to the 48-V supply define the current path in the case when the microphone needs to be
powered. C3 and C4 are therefore used as blocking capacitors to protect the INA849. In a fault scenario when
the input connections are shorted a large surge current discharges the dc blocking capacitor through the shottky
diodes. In case of a 48-V phantom power the surge current exceed 4 A for a short duration of time. It is
recommended to use shottky diodes that are specified for at least 10 A surge current. Additional series
resistance with the dc blocking capacitor limits the surge current but needs to be traded off as these add noise to
the circuit.
One of the key criteria for high-performance microphones is to enable an optimum source impedance throughout
the audible frequency range. The exceptional ultra-low noise performance of the INA849 permits direct input
without the need for a transformer.
R4 and R5 in parallel with R1 and R2 provide the bias current path for the INA849. The input bias current
(maximum of 20 nA) provides a dc differential input voltage that reflects as an voltage error on the output. To
make sure that the thermal noise of these resistors does not dominate, use the lowest possible value resistors.
The mismatch of the input ac-coupling capacitors, C3 and C4, can reduce the common-mode rejection ratio
significantly at low frequencies. An additional resistor R6 connected to both of the bias resistors R4 and R5 can
mitigate this effect.
Use the TINA TI™ simulation software for a detailed analysis.
INA849
SBOS945A – NOVEMBER 2020 – REVISED DECEMBER 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com