Electronic Components Datasheet Search
  English  ▼

X  

ISO6731FDWR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6731FDWR
Description  ISO6731 General-Purpose Triple-Channel Digital Isolator with Robust EMC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6731FDWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISO6731FDWR Datasheet HTML 18Page - Texas Instruments ISO6731FDWR Datasheet HTML 19Page - Texas Instruments ISO6731FDWR Datasheet HTML 20Page - Texas Instruments ISO6731FDWR Datasheet HTML 21Page - Texas Instruments ISO6731FDWR Datasheet HTML 22Page - Texas Instruments ISO6731FDWR Datasheet HTML 23Page - Texas Instruments ISO6731FDWR Datasheet HTML 24Page - Texas Instruments ISO6731FDWR Datasheet HTML 25Page - Texas Instruments ISO6731FDWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The ISO6731 device is a high-performance, triple-channel digital isolators. This device comes with enable pins
on each side which can be used to put the respective outputs in high impedance for multi master driving
applications. The ISO6731 device uses single-ended CMOS-logic switching technology. The supply voltage
range is from 1.71 V to 5.5 V for both supplies, VCC1 and VCC2. Since an isolation barrier separates the two
sides, each side can be sourced independently with any voltage within recommended operating conditions. As
an example, it is possible to supply ISO6731 VCC1 with 3.3 V (which is within 1.71 V to 5.5 V) and VCC2 with 5V
(which is also within 1.71 V to 5.5 V). You can use the digital isolator as a logic-level translator in addition to
providing isolation. When designing with digital isolators, keep in mind that because of the single-ended design
structure, digital isolators do not conform to any specific interface standard and are only intended for isolating
single-ended CMOS or TTL digital signal lines. The isolator is typically placed between the data controller (that
is, μC or UART), and a data converter or a line transceiver, regardless of the interface type or standard.
9.2 Typical Application
ISO6731
SLASEY9 – JANUARY 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISO6731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com