Electronic Components Datasheet Search
  English  ▼

X  

EC-776 Datasheet(PDF) 2 Page - 3M Electronics

Part # EC-776
Description  3M Fuel Resistant Coatings
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EC-776 Datasheet(HTML) 2 Page - 3M Electronics

  EC-776 Datasheet HTML 1Page - 3M Electronics EC-776 Datasheet HTML 2Page - 3M Electronics EC-776 Datasheet HTML 3Page - 3M Electronics EC-776 Datasheet HTML 4Page - 3M Electronics EC-776 Datasheet HTML 5Page - 3M Electronics EC-776 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3M™ Fuel Resistant Coatings EC-776 • EC-776SR
Technical Datasheet
Handling/Application
Information
Directions For Use:
3M™ Fuel Resistant Coatings EC-776 and EC-776SR may be applied by brush or
flow applicator. When applying in multiple coats allow a minimum of 10 minutes
between coats. Under normal atmospheric conditions this coating becomes tack
free in about 20 minutes and should thoroughly dry in approximately 24 hours.
3M EC-776 and EC-776SR Coatings are commonly used without heat cure. Heat
curing 3M EC-776 and EC-776SR Coatings for 1 hour at 250°F will increase
moisture resistance of the coatings.
Coverage is approximately 320 square feet per gallon for a 1 mil dry film.
Surfaces to be coated should be clean, dry and free from oil or grease.
3M EC-776 and EC-776SR Coatings may also be used to coat tanks (aluminum or
steel) by the fill and drain method. It is sometimes desirable to dilute 3M EC-776
and EC-776SR Coatings with methyl ethyl ketone (MEK) to assure proper run out
or flow properties when using the fill and drain method.* An air hose inserted into
the fuel tank can be used to help provide air circulation for proper drying.
Clean up can be accomplished with MEK.
*Note: When using solvents, be sure to follow the manufacturer’s precautions
and directions for use for handling such materials.
Application Equipment
Suggestions
Note: Appropriate application equipment can enhance bonding film performance. We
suggest the following equipment for the user’s evaluation in light of the user’s
particular purpose and method of application
Pump – 2 to 1 ratio pump ball type check valves divorced design. Displacement of 5
cubic inches per cycle with 2" air motor.
Primer – None needed.
Accessories –
Hose – Low pressure hose, fluorinated plastic or nylon lined.
Flow Gun – Low pressure tip seal flow gun.
Note: All materials must be compatible with MIBK and MEK. Nylon and fluorinated
plastic linings are compatible.
Reference Information
Material Temperature – 40°F (4°C) 1/8" dia. bead.
- 2 -
Material
Material
Pressure
Output
Pressure
Output
psi
lb/min
psi
lb/min
Ten Foot Length 3/4" I.D. Hose
80
8.0
60
6.5
Twenty Foot Length 3/4" I.D. Hose
100
10.0
60
5.2
Twenty Foot Length 3/4" I.D. Hose
120
8.3
60
3.5
Ten Foot Length 1/2" I.D. Hose
Twenty Foot Length 1/2" I.D. Hose
140
8.5
60
3.0
Ten Foot Length 1/2" I.D. Hose
100
7.0
60
3.0
Ten Foot Length 1/2" I.D. Hose
160
4.7
60
4.3
Ten Foot Length 1/4" I.D. Hose
Note: Listed material pressure = operating air pressure x pump ratio.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com