Electronic Components Datasheet Search
  English  ▼

X  

AF325 Datasheet(PDF) 1 Page - 3M Electronics

Part # AF325
Description  Scotch-WeldTM Low Density Composite Surfacing Film
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF325 Datasheet(HTML) 1 Page - 3M Electronics

  AF325 Datasheet HTML 1Page - 3M Electronics AF325 Datasheet HTML 2Page - 3M Electronics AF325 Datasheet HTML 3Page - 3M Electronics AF325 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3
Scotch-WeldTM
Low Density Composite Surfacing Film
AF 325 • AF 325LS
Introduction
3M™ Scotch-Weld™ Low Density Composite Surfacing Film AF 325 and AF 325LS offer the
following advantages:
• Excellent for surfacing composite parts.
• Available in both white and blue to provide color contrast to underlying composite prepreg.
• Co-cure compatible with most epoxy composite pre-preg systems at both 250°F (121°C) and
350°F (177°C).
• Provides a smooth surface with minimal pinholes and other surface imperfections.
• Reduces the need for subsequent surface filling, fairing and sanding operations.
• Low density formulation aids in pre-paint surface preparation.
• Operational performance range from -67°F (-55°C) to 300°F (149°C).
• Resistant to effects of humidity exposure before and after cure.
• Available with copper mesh for applications requiring both surfacing and lightning strike
performance.
Technical Datasheet
January 2011
Product
Description
Film Weight / Color
3M™ Scotch-Weld™ Low Density Composite Surfacing Film AF 325M White
0.03 lbs./ft2 (147 g/m2)
3M™ Scotch-Weld™ Low Density Composite Surfacing Film AF 325LS White
0.056 lbs./ft2 (273 g/m2)
3M™ Scotch-Weld™ Low Density Composite Surfacing Film AF 325M Blue
0.035 lbs./ft2 (171 g/m2)
3M™ Scotch-Weld™ Low Density Composite Surfacing Film AF 325LS Blue
0.064 lbs./ft2 (313 g/m2)
Reinforcing Carrier
Scotch-Weld AF 325M Films are matte, non-woven scrim supported composite
surfacing films. The LS versions have an integral expanded copper foil mesh.
The density of the copper mesh is 0.029 lbs./ft2 (142 g/m2)
Protective Liners
Polyethylene (poly) on one side, paper on the other.
Typical Film Thickness
0.006 - 0.008" (0.15 - 0.20 mm)
Shop Handling
Characteristics
Drapeable and conformable at room temperature.
Tack
Adheres to cold or release coated tools.
Out Time
Approximately 30 days at 75°F (24°C)
Gel Time
5 minutes at 250°F (121°C) (ASTM D3532)
% Flow
LS Versions: 10% (minimum) per ASTM D 3531
M Versions: 50% (minimum) using a 250°F (121°C) cure cycle for 50 minutes
and 5°F (2°C)/minute rise rate (ASTM D 3531)
Volatile Loss
LS Versions: 1.5% (maximum) per ASTM D 3530
M Versions: Less than 1.5% using a 250°F (121°C) cure cycle for 60 minutes
(ASTM D 3530)
Glass Transition
Temperature (Tg) of
306°F (152°C) by RDA
Cured Product
Note: The following technical information and data should be considered representative or typical
only and should not be used for specification purposes.


Similar Part No. - AF325

ManufacturerPart #DatasheetDescription
logo
3M Electronics
AF32 3M-AF32 Datasheet
36Kb / 8P
3M Scotch-WeldTM Structural Adhesive Film
logo
List of Unclassifed Man...
AF32C1 ETC2-AF32C1 Datasheet
46Kb / 1P
HC-49/U Microprocessor Crystal
logo
Caliber Electronics Inc...
AF32C1 CALIBER-AF32C1 Datasheet
51Kb / 1P
HC-49/U Microprocessor Crystal
logo
List of Unclassifed Man...
AF32C3 ETC2-AF32C3 Datasheet
46Kb / 1P
HC-49/U Microprocessor Crystal
logo
Caliber Electronics Inc...
AF32C3 CALIBER-AF32C3 Datasheet
51Kb / 1P
HC-49/U Microprocessor Crystal
More results

Similar Description - AF325

ManufacturerPart #DatasheetDescription
logo
3M Electronics
AF163-2 3M-AF163-2 Datasheet
355Kb / 21P
3M Scotch-WeldTM Structural Adhesive Film
Nov-2009
AF131-2 3M-AF131-2 Datasheet
20Kb / 4P
3M Scotch-WeldTM Bonding Film
Jun-2002
AF3185 3M-AF3185 Datasheet
20Kb / 4P
Scotch-WeldTM Structural Adhesive Film
AF3109-2 3M-AF3109-2 Datasheet
54Kb / 8P
Scotch-WeldTM Structural Adhesive Film
May-2002
AF536 3M-AF536 Datasheet
363Kb / 3P
3M™ Scotch-Weld™ Composite Surfacing and Lightning Protection Film
Jul-2019
AF130-2 3M-AF130-2 Datasheet
20Kb / 4P
Scotch-WeldTM StructuralAdhesive Film
May-2002
AF126 3M-AF126 Datasheet
51Kb / 15P
Scotch-WeldTM Structural Adhesive Film
Sep-2002
AF32 3M-AF32 Datasheet
36Kb / 8P
3M Scotch-WeldTM Structural Adhesive Film
AF31 3M-AF31 Datasheet
80Kb / 15P
3M Scotch-WeldTM Structural Adhesive Film
Mar-2006
AF30 3M-AF30 Datasheet
42Kb / 12P
3m Scotch-WeldTM Structural Adhesive Film
Jun-2002
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com