Electronic Components Datasheet Search
  English  ▼

X  

9380 Datasheet(PDF) 1 Page - 3M Electronics

Part # 9380
Description  3M™ Adhesive Transfer Tapes with Specialty Acrylic Adhesive
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9380 Datasheet(HTML) 1 Page - 3M Electronics

  9380 Datasheet HTML 1Page - 3M Electronics 9380 Datasheet HTML 2Page - 3M Electronics 9380 Datasheet HTML 3Page - 3M Electronics 9380 Datasheet HTML 4Page - 3M Electronics 9380 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
November 2020
3M™ Adhesive Transfer Tapes with Specialty
Acrylic Adhesive
9379, 9380
Technical Data Sheet
Product Description
3M™ Adhesive Transfer Tapes made with modified acrylic adhesive are designed to perform in the presence of harsh
chemicals like jet fuel or hydraulic fluid and to have a wide operating temperature range.
3M™ Adhesive Transfer Tapes 9379 and 9380 are visually clear adhesives coated onto a clear polyester removable liner.
The product comes in rolled tape format of varying width.
Environmental Performance
The properties defined are based on the attachment of impervious materials (such as aluminum) to an aluminum test
surface.
Bond Build-up: The bond strength of 3M™ 9379/9380 adhesive increases as a function of time and temperature.
Humidity Resistance: High humidity has a minimal effect on adhesive performance. Bond strengths are generally higher
after exposure for 7 days at 90°F (32°C) and 90% relative humidity.
U.V. Resistance: When properly applied, the adhesive bond between impervious parts is not adversely affected by
outdoor exposure.
Temperature Cycling Resistance: Bond strength generally increases after cycling four times through: 4 hours at 158°F
(70°C) followed by 4 hours at -20°F (-29°C) followed by 16 hours at 72°F (23°C).
Chemical Resistance: When properly applied, the adhesive bond between impervious parts will hold securely after
exposure to numerous chemicals including JP4 jet fuel and commonly used types of Skydrol® hydraulic fluid.
Heat Resistance: The 3M™ 9379 adhesive is usable for short periods at temperatures up to 450°F (232°C) and for longer
periods up to 300°F (149°C). Low Temperature Service: -40°F (-40°C). Bonded substrates should be evaluated for
continuous low temperature exposure service.


Similar Part No. - 9380

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9380 3M-9380 Datasheet
348Kb / 5P
3M™ Adhesive Transfer Tapes with Specialty Acrylic Adhesive
Nov-2020
logo
Broadcom Corporation.
9380-4I4E BOARDCOM-9380-4I4E Datasheet
143Kb / 2P
High Performance 12Gb/s PCI Express SATASAS RAID Controller
logo
AVAGO TECHNOLOGIES LIMI...
9380-8E AVAGO-9380-8E Datasheet
253Kb / 2P
Shared DAS High Availability with MegaRAID Data Protection
logo
Broadcom Corporation.
9380-8I8E BOARDCOM-9380-8I8E Datasheet
142Kb / 2P
High Port Count 12 Gb/s PCI Express SATA SAS RAID Controller
logo
EnOcean GmbH.
93800 ENOCEAN-93800 Datasheet
448Kb / 3P
Commissioning Tool
003-0525-01A rev 09/2022
More results

Similar Description - 9380

ManufacturerPart #DatasheetDescription
logo
3M Electronics
F9460PC 3M-F9460PC Datasheet
28Kb / 4P
VHB™ Adhesive Transfer Tapes with Adhesive 100MP
Apr-2005
9882 3M-9882 Datasheet
213Kb / 5P
3M™ Thermally Conductive Adhesive Transfer Tapes
Sep-2010
200MP 3M-200MP Datasheet
3Mb / 6P
3M™ High Performance Acrylic Adhesive 200MP
8805 3M-8805 Datasheet
175Kb / 7P
Thermally Conductive Adhesive Transfer Tapes
Jul-2015
F9473PC 3M-F9473PC Datasheet
365Kb / 3P
Adhesive Transfer Tapes
Nov-2007
966 3M-966 Datasheet
199Kb / 8P
3M™ Adhesive Transfer Tape 966
Jun-2014
9453FL 3M-9453FL Datasheet
136Kb / 6P
3M™ Adhesive Transfer Tape 9453FL
Aug-2001
F9465PC 3M-F9465PC Datasheet
140Kb / 5P
3M™ Adhesive Transfer Tape with Plasticizer Resistant Adhesive
Feb-2015
9379 3M-9379 Datasheet
348Kb / 5P
3M™ Adhesive Transfer Tapes with Specialty Acrylic Adhesive
Nov-2020
9505 3M-9505 Datasheet
141Kb / 5P
3M™ Adhesive Transfer Tape 9505
Oct-2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com