Electronic Components Datasheet Search
  English  ▼

X  

8686 Datasheet(PDF) 1 Page - 3M Electronics

Part # 8686
Description  3M Polyurethane Protective Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8686 Datasheet(HTML) 1 Page - 3M Electronics

  8686 Datasheet HTML 1Page - 3M Electronics 8686 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3
Polyurethane Protective Tape
8686
Product Description
3M™ Polyurethane Protective Tape 8686 is made from a UV stable polyurethane elastomer that
resists punctures, tearing, and abrasion. It is a flame-retardant tape formulated to meet FAR
25.853 for aircraft interiors. It protects the aircraft interior from corrosion and it acts as a smoke
and moisture barrier. 3M 8686 Tape is constructed with a pressure-sensitive acrylic adhesive
designed to be removable and is protected with an easy-to-release paper liner
3M 8686 Tape is a transparent tape available with a paper liner only.
Technical Datasheet
June 2010
Typical Physical
Properties and
Performance
Characteristics
A. Dimensions
Approximate Applied Thickness:*
0.004 inch (0.10 mm) Film
0.002 inch (0.05 mm) Adhesive
0.006 inch (0.15 mm) = Total thickness
Standard Roll Length:
36 yd (32.9 m)
Available Widths:
Minimum 1/2 inch Maximum 48 inches
(1.25 cm to 122 cm)
Approximate Weight:*
0.32 lb/yd2 (171 g/m2)
Notes: 1) The following technical information and data should be considered representative or typical only
and should not be used for specification purposes.
2) ASTM = American Society for Testing and Materials.
3) Metric values are listed in parenthesis.
B. Typical Physical Properties and Performance Characteristics
Property
Test
Units
Typical
Method
Value
Tensile Strength @ Break:
ASTM D412
lb/in (N/100 mm)
32 (560)
Elongation % @ Break:
ASTM D882
%
400
Peel Adhesion @ 70°F (21°C) to:
ASTM D-1000
oz/in (N/100 mm)
Bare Aluminum 2024 T3
Method A
23 (25)
304 Brite # Stainless Steel
24 hour dwell
20 (22)
BMS 4-20 Type III Floor Panel
30 (33)
Flammability – 12 Second Vertical:
FAR 25.853
Burn Time
Method A
sec
0
Burn Length
24 hour dwell
in (cm)
2 (5.1)
Drip Extinguish Time
sec
0
*Excludes the paper liner that is removed from the tape prior to application.


Similar Part No. - 8686

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8686 ETC2-8686 Datasheet
439Kb / 1P
LED LENS CAPS
logo
Christian Bürkert GmbH ...
8686 BURKERT-8686 Datasheet
2Mb / 17P
Multifunction Block Solution
21.10.2021
logo
Keystone Electronics Co...
8686 KEYSTONE-8686 Datasheet
439Kb / 1P
LED LENS CAPS & HOLDERS
31-07 20th
More results

Similar Description - 8686

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8730HT 3M-8730HT Datasheet
330Kb / 2P
3M™ Polyurethane Protective Tape 8730HT
Jun-2018
8667HS 3M-8667HS Datasheet
412Kb / 2P
3M™ Polyurethane Protective Tape 8667HS
Jun-2018
8664HS 3M-8664HS Datasheet
428Kb / 2P
3M™ Polyurethane Protective Tape 8664HS
Jun-2018
8663HS 3M-8663HS Datasheet
428Kb / 2P
3M™ Polyurethane Protective Tape 8663HS
Jun-2018
8657DL 3M-8657DL Datasheet
344Kb / 2P
3M™ Polyurethane Protective Tape 8657DL
Jun-2018
8560 3M-8560 Datasheet
330Kb / 2P
3M™ Polyurethane Protective Tape 8560
Jun-2018
8542 3M-8542 Datasheet
417Kb / 2P
3M™ Polyurethane Protective Tape
Jun-2018
8681HS 3M-8681HS Datasheet
428Kb / 2P
3M™ Polyurethane Protective Tape 8681HS
Jun-2018
8663 3M-8663 Datasheet
344Kb / 2P
3M™ Polyurethane Protective Tape
Jun-2018
8545HS 3M-8545HS Datasheet
343Kb / 2P
3M™ Polyurethane Protective Tape 8545HS
Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com