Electronic Components Datasheet Search
  English  ▼

X  

LM4934 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4934
Description  3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4934 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4934 Datasheet HTML 1Page - National Semiconductor (TI) LM4934 Datasheet HTML 2Page - National Semiconductor (TI) LM4934 Datasheet HTML 3Page - National Semiconductor (TI) LM4934 Datasheet HTML 4Page - National Semiconductor (TI) LM4934 Datasheet HTML 5Page - National Semiconductor (TI) LM4934 Datasheet HTML 6Page - National Semiconductor (TI) LM4934 Datasheet HTML 7Page - National Semiconductor (TI) LM4934 Datasheet HTML 8Page - National Semiconductor (TI) LM4934 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
LM4934
3D Audio Sub-System with Stereo Speaker, OCL/SE
Stereo Headphone, Earpiece and Mono Line Level
Outputs
General Description
The LM4934 is an integrated audio sub-system designed for
stereo cell phone applications. Operating on a 3.3V supply, it
combines a stereo speaker amplifier delivering 520mW per
channel into an 8
Ω load, a stereo headphone amplifier de-
livering 36mW per channel into a 32
Ω load, a mono earpiece
amplifier delivering 55mW into a 32
Ω load, and a line output
for an external powered handsfree speaker. It integrates the
audio amplifiers, volume control, mixer, power management
control, and National 3D enhancement all into a single pack-
age. In addition, the LM4934 routes and mixes the stereo
and mono inputs into multiple distinct output modes. The
LM4934 features an I2S serial interface for full range audio
and an I2C/SPI compatible interface for control.
Boomer audio power amplifiers are designed specifically to
provide high quality output power with a minimal amount of
external components.
Key Specifications
j POUT, Stereo BTL, 8
Ω, 3.3V,
1% THD+N
520mW (typ)
j POUT HP, 32
Ω, 3.3V, 1% THD+N
36mW (typ)
j POUT Mono Earpiece, 32
Ω, 3.3V,
1% THD+N
55mW (typ)
j Shutdown current
0.6µA (typ)
j DAC SNR
95dB (typ)
Features
n
18-bit stereo DAC
n
Multiple distinct output modes
n
Stereo speaker amplifier
n
Stereo headphone amplifier
n
Mono earpiece amplifier
n
Mono Line Output for external handsfree carkit
n
Independent Left, Right, headphone and Mono speaker
volume controls
n
National 3D enhancement with programmable effect
level
n
I
2C/SPI (selectable) compatible interface
n
Ultra low shutdown current
n
Click and Pop Suppression circuit
Applications
n
Cell Phones
n
PDAs
Boomer® is a registered trademark of National Semiconductor Corporation.
November 2005
© 2005 National Semiconductor Corporation
DS201669
www.national.com


Similar Part No. - LM4934

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4934 NSC-LM4934 Datasheet
1Mb / 39P
3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
LM4934 NSC-LM4934_06 Datasheet
1Mb / 39P
3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
More results

Similar Description - LM4934

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4947 NSC-LM4947 Datasheet
1Mb / 32P
Mono Class D and Stereo Audio Subsystem with OCL Headphone Amplifier and National 3D
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4934 NSC-LM4934_06 Datasheet
1Mb / 39P
3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM49321 NSC-LM49321 Datasheet
1Mb / 42P
Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
Texas Instruments
LM4947 TI1-LM4947_14 Datasheet
1Mb / 37P
Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
LM49321 TI-LM49321_15 Datasheet
1,022Kb / 45P
LM49321 Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
LM4937 TI1-LM4937 Datasheet
1Mb / 41P
Audio Sub-System with OCL Stereo Headphone Output and RF Suppression
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM49321 TI1-LM49321 Datasheet
1Mb / 45P
Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com