Electronic Components Datasheet Search
  English  ▼

X  

1751 Datasheet(PDF) 2 Page - 3M Electronics

Part # 1751
Description  3M™ Scotch-Weld™ Epoxy Adhesive 1751 B/A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1751 Datasheet(HTML) 2 Page - 3M Electronics

  1751 Datasheet HTML 1Page - 3M Electronics 1751 Datasheet HTML 2Page - 3M Electronics 1751 Datasheet HTML 3Page - 3M Electronics 1751 Datasheet HTML 4Page - 3M Electronics 1751 Datasheet HTML 5Page - 3M Electronics 1751 Datasheet HTML 6Page - 3M Electronics 1751 Datasheet HTML 7Page - 3M Electronics 1751 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3M™ Scotch-Weld™ Epoxy Adhesive 1751 B/A
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be
used for speci cation purposes.
Typical Uncured Physical Properties
Property
Values
Notes
Base Color
Gray
Accelerator Color
Amber
Base Viscosity
145 s
Time to deliver 20 gms@ 50 psi
thru a 0.104in ori ce
Accelerator Viscosity
125 s
Time to deliver 20 gms@ 50 psi
thru a 0.10in ori ce
Base Resin
Modi ed Epoxy
Accelerator Resin
Modi ed Epoxy
Base Net Weight
10.8 lb/gal
Accelerator Net Weight
7.9 lb/gal
Mix Ratio by Volume (B:A)
3:2
Mix Ratio by Weight (B:A)
2:1
Typical Mixed Physical Properties
Property
Values
Test Condition
Worklife, 100g mixed
45 min
Room Temperature
Time to Handling Strength
8 to 12 h
Room Temperature
Time to Full Cure
7 day
Room Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com