Electronic Components Datasheet Search
  English  ▼

X  

600X Datasheet(PDF) 2 Page - 3M Electronics

Part # 600X
Description  3M™ Diamond Lapping Film 600X Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

600X Datasheet(HTML) 2 Page - 3M Electronics

  600X Datasheet HTML 1Page - 3M Electronics 600X Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M
™ Diamond Lapping Film 600X Series
3
3M is a trademark of 3M Company.
Please recycle. Printed in U.S.A.
© 3M 2007. All rights reserved.
60-5002-0032-8
3
Electronics Markets Materials Division
3M Electronics
3M Center, Building 21-1W-10, 900 Bush Avenue
St. Paul, MN 55144-1000
1-800-251-8634 phone
651-778-4244 fax
www.3M.com/electronics
Important Notice
Before using this product, you must evaluate it and
determine if it is suitable for your intended application.
You assume all risks and liability associated with such use.
Warranty; Limited Remedy; Limited Liability.
This product will be free from defects in material and
manufacture at the time of purchase. 3M MAKES NO
OTHER WARRANTIES INCLUDING, BUT NOT
LIMITED TO, ANY IMPLIED WARRANTY OF
MERCHANTABILITY OR FITNESS FOR A
PARTICULAR PURPOSE. If this product is defective
within the warranty period stated above, your exclusive
remedy shall be, at 3M’s option, to replace or repair the
3M product or refund the purchase price of the 3M
product. Except where prohibited by law, 3M will not
be liable for any indirect, special, incidental or
consequential loss or damage arising from this 3M
product, regardless of the legal theory asserted.
For Additional Information
To request additional product information or to arrange for
sales assistance, call toll free 1-800-251-8634. Address
correspondence to: 3M Electronics Markets Materials
Division, Building 21-1W-10, 900 Bush Avenue, St. Paul,
MN 55144-1000. Our fax number is 651-778-4244 or
1-877-369-2923.
In Canada, phone: 1-800-364-3577.
In Puerto Rico, phone: 1-787-750-3000.
In Mexico, phone: 52-70-04-00.
Precautionary Information
Refer to Product Label and Material Safety Data Sheet for
Health and Safety Information before using this product.
For additional health and safety information, call
1-800-364-3577 or (651) 737-6501.
Number of Uses
The number of uses are dependent on equipment, process
parameters and materials processing.
Storage and Shelf Life
Recommended Storage Conditions:
Temperature 50 - 90°F (10 - 32°C)
Relative humidity 30 - 70%
(There is no degradation with time. It is recommended
that product be used within 24 months of purchase.)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com