Electronic Components Datasheet Search
  English  ▼

X  

OPA392 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA392
Description  OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA392 Datasheet(HTML) 2 Page - Texas Instruments

  OPA392 Datasheet HTML 1Page - Texas Instruments OPA392 Datasheet HTML 2Page - Texas Instruments OPA392 Datasheet HTML 3Page - Texas Instruments OPA392 Datasheet HTML 4Page - Texas Instruments OPA392 Datasheet HTML 5Page - Texas Instruments OPA392 Datasheet HTML 6Page - Texas Instruments OPA392 Datasheet HTML 7Page - Texas Instruments OPA392 Datasheet HTML 8Page - Texas Instruments OPA392 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 6
6.1 Absolute Maximum Ratings ....................................... 6
6.2 ESD Ratings .............................................................. 6
6.3 Recommended Operating Conditions ........................6
6.4 Thermal Information: OPA392 ................................... 6
6.5 Electrical Characteristics: VS = ±0.85 V to ±2.75
V (VS = 1.7 V to 5.5 V) ..................................................7
6.6 Typical Characteristics................................................ 9
7 Detailed Description......................................................10
7.1 Overview................................................................... 10
7.2 Functional Block Diagram......................................... 10
7.3 Feature Description...................................................11
7.4 Device Functional Modes..........................................11
8 Application and Implementation.................................. 12
8.1 Application Information............................................. 12
8.2 Typical Application.................................................... 12
9 Power Supply Recommendations................................15
10 Layout...........................................................................15
10.1 Layout Guidelines................................................... 15
10.2 Layout Example...................................................... 15
11 Device and Documentation Support..........................16
11.1 Device Support........................................................16
11.2 Documentation Support.......................................... 16
11.3 Receiving Notification of Documentation Updates.. 16
11.4 Support Resources................................................. 16
11.5 Trademarks............................................................. 16
11.6 Electrostatic Discharge Caution.............................. 16
11.7 Glossary.................................................................. 16
12 Mechanical, Packaging, and Orderable
Information.................................................................... 17
4 Revision History
DATE
REVISION
NOTES
January 2021
*
Initial release.
OPA392
SBOS926 – JANUARY 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com