Electronic Components Datasheet Search
  English  ▼

X  

WSGPA01 Datasheet(PDF) 2 Page - Cree, Inc

Part # WSGPA01
Description  GaN on SiC General Purpose Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

WSGPA01 Datasheet(HTML) 2 Page - Cree, Inc

  WSGPA01 Datasheet HTML 1Page - Cree, Inc WSGPA01 Datasheet HTML 2Page - Cree, Inc WSGPA01 Datasheet HTML 3Page - Cree, Inc WSGPA01 Datasheet HTML 4Page - Cree, Inc WSGPA01 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 01.1, 2020-07-10
2
PRELIMINARY WSGPA01
DC Characteristics
Characteristics
Conditions
Symbol
Min
Typ
Max
Unit
Drain Leakage Breakdown Voltage (main)
VGS = –8 V, IG = TBD mA
V(BR)DSS
150
—
—
V
(peak)
VGS = –8 V, IG = TBD mA
V(BR)DSS
150
—
—
V
Gate Leakage Current
VGS = –8 V, VDS = 10 V
IGSS
—
—
5
mA
Gate Threshold Voltage (main)
VDS = –10 V, ID = TBD mA
VGS(th)
—
TBD
—
V
Gate Threshold Voltage (peak)
VDS = –10 V, ID = TBD mA
VGS(th)
—
TBD
—
V
Recommended Operating Conditions
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Operating Voltage
VDD
0
—
50
V
Gate Quiescent Voltage
VDS = 48 V, ID = TBD mA
VGS(Q)
—
TBD
—
V
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-source Voltage
VDSS
125
V
Gate-source Voltage
VGS
–10 to +2
V
Operating Voltage
VDD
55
V
Junction Temperature
TJ
225
°C
Gate Current
IG
TBD
mA
Drain Current
ID
TBD
A
Storage Temperature Range
TSTG
–65 to +150
°C
Thermal Characteristics
Characteristics
Symbol
Value
Unit
Thermal Resistance
RqJC
TBD
°C/W
Moisture Sensitivity Level
Level
Test Standard
Package Temperature
Unit
3
IPC/JEDEC J-STD-020
260
°C
Ordering Information
Type and Version
Order Code
Package
Shipping
WSGPA01-V1
TBD
PG-DFN-3x4-1
TBD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com