Electronic Components Datasheet Search
  English  ▼

X  

MPC9456 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC9456
Description  2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9456 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC9456 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MPC9456
TIMING SOLUTIONS
3
MOTOROLA
Table 1: Pin Configuration
Pin
I/O
Type
Function
PECL_CLK,
PECL_CLK
Input
LVPECL
Differential clock reference
Low voltage positive ECL input
FSELA, FSELB, FSELC
Input
LVCMOS
Output bank divide select input
MR/OE
Input
LVCMOS
Internal reset and output tristate control
GND
Supply
Negative voltage supply output bank (GND)
VCCA, VCCB*, VCCC
Supply
Positive voltage supply for output banks
VCC
Supply
Positive voltage supply core (VCC)
QA0 - QA2
Output
LVCMOS
Bank A outputs
QB0 - QB2
Output
LVCMOS
Bank B outputs
QC0 - QC3
Output
LVCMOS
Bank C outputs
*VCCB is internally connected to VCC.
Table 2: Supported Single and Dual Supply Configurations
Supply voltage configuration
VCCa
VCCAb
VCCBc
VCCCd
GND
3.3V
3.3V
3.3V
3.3V
3.3V
0V
Mixed voltage supply
3.3V
3.3V or 2.5V
3.3V
3.3V or 2.5V
0 V
2.5V
2.5V
2.5V
2.5V
2.5V
0 V
a.
VCC is the positive power supply of the device core and input circuitry. VCC voltage defines the input threshold and levels
b.
VCCA is the positive power supply of the bank A outputs. VCCA voltage defines bank A output levels
c.
VCCB is the positive power supply of the bank B outputs. VCCB voltage defines bank B output levels. VCCB is internally connected to VCC.
d.
VCCC is the positive power supply of the bank C outputs. VCCC voltage defines bank C output levels
Table 3: Function Table (Controls)
Control
Default
0
1
FSELA
0
fQA0:2 = fREF
fQA0:2 = fREF ÷ 2
FSELB
0
fQB0:2 = fREF
fQB0:2 = fREF ÷ 2
FSELC
0
fQC0:3 = fREF
fQC0:3 = fREF ÷ 2
MR/OE
0
Outputs enabled
Internal reset
Outputs disabled (tristate)
Table 4: Absolute Maximum Ratingsa
Symbol
Characteristics
Min
Max
Unit
Condition
VCC
Supply Voltage
-0.3
4.6
V
VIN
DC Input Voltage
-0.3
VCC+0.3
V
VOUT
DC Output Voltage
-0.3
VCC+0.3
V
IIN
DC Input Current
±20
mA
IOUT
DC Output Current
±50
mA
TS
Storage temperature
-40
125
°C
a. Absolute maximum continuos ratings are those maximum values beyond which damage to the device may occur. Exposure to these conditions
or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not
implied.
Table 5: General Specifications
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output Termination Voltage
VCC ÷ 2
V
MM
ESD Protection (Machine Model)
200
V
HBM
ESD Protection (Human Body Model)
2000
V
LU
Latch–Up Immunity
200
mA
CPD
Power Dissipation Capacitance
10
pF
Per output
CIN
Input Capacitance
4.0
pF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com