Electronic Components Datasheet Search
  English  ▼

X  

MPC9456FA Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC9456FA
Description  2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9456FA Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC9456FA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9456FA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9456FA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9456FA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9456FA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9456FA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9456FA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC9456FA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC9456FA Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MPC9456
TIMING SOLUTIONS
7
MOTOROLA
APPLICATIONS INFORMATION
Driving Transmission Lines
The MPC9456 clock driver was designed to drive high
speed signals in a terminated transmission line environment.
To provide the optimum flexibility to the user the output
drivers were designed to exhibit the lowest impedance
possible. With an output impedance of less than 20
Ω the
drivers can drive either parallel or series terminated
transmission lines. For more information on transmission
lines the reader is referred to application note AN1091. In
most high performance clock networks point-to-point
distribution of signals is the method of choice.
In a
point-to-point scheme either series terminated or parallel
terminated transmission lines can be used. The parallel
technique terminates the signal at the end of the line with a
50
Ω resistance to VCC÷2.
This technique draws a fairly high level of DC current and
thus only a single terminated line can be driven by each
output of the MPC9456 clock driver. For the series terminated
case however there is no DC current draw, thus the outputs
can drive multiple series terminated lines. Figure 3. “Single
versus Dual Transmission Lines” illustrates an output driving
a single series terminated line versus two series terminated
lines in parallel. When taken to its extreme the fanout of the
MPC9456 clock driver is effectively doubled due to its
capability to drive multiple lines.
Figure 3. Single versus Dual Transmission Lines
14
Ω
IN
MPC9456
OUTPUT
BUFFER
RS = 36Ω
ZO = 50Ω
OutA
14
Ω
IN
MPC9456
OUTPUT
BUFFER
RS = 36Ω
ZO = 50Ω
OutB0
RS = 36Ω
ZO = 50Ω
OutB1
The waveform plots in Figure 4. “Single versus Dual Line
Termination Waveforms” show the simulation results of an
output driving a single line versus two lines. In both cases the
drive capability of the MPC9456 output buffer is more than
sufficient to drive 50
Ω transmission lines on the incident
edge. Note from the delay measurements in the simulations a
delta of only 43ps exists between the two differently loaded
outputs. This suggests that the dual line driving need not be
used exclusively to maintain the tight output-to-output skew
of the MPC9456. The output waveform in Figure 4. “Single
versus Dual Line Termination Waveforms” shows a step in
the waveform, this step is caused by the impedance
mismatch seen looking into the driver. The parallel
combination of the 36
Ω series resistor plus the output
impedance does not match the parallel combination of the
line impedances. The voltage wave launched down the two
lines will equal:
VL = VS ( Z0 ÷ (RS+R0 +Z0))
Z0 = 50Ω || 50Ω
RS = 36Ω || 36Ω
R0 = 14Ω
VL = 3.0 ( 25 ÷ (18+14+25)
= 1.31V
At the load end the voltage will double, due to the near
unity reflection coefficient, to 2.5V. It will then increment
towards the quiescent 3.0V in steps separated by one round
trip delay (in this case 4.0ns).
Figure 4. Single versus Dual Waveforms
TIME (nS)
3.0
2.5
2.0
1.5
1.0
0.5
0
2
4
6
8
10
12
14
OutB
tD = 3.9386
OutA
tD = 3.8956
In
Since this step is well above the threshold region it will not
cause any false clock triggering, however designers may be
uncomfortable with unwanted reflections on the line. To better
match the impedances when driving multiple lines the
situation in Figure 5. “Optimized Dual Line Termination”
should be used. In this case the series terminating resistors
are reduced such that when the parallel combination is added
to the output buffer impedance the line impedance is perfectly
matched.
Figure 5. Optimized Dual Line Termination
14
Ω
MPC9456
OUTPUT
BUFFER
RS = 22Ω
ZO = 50Ω
RS = 22Ω
ZO = 50Ω
14
Ω + 22Ω k 22Ω = 50Ω k 50Ω
25
Ω = 25Ω
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com