Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3018 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZSSC3018
Description  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3018 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZSSC3018 Datasheet HTML 17Page - Renesas Technology Corp ZSSC3018 Datasheet HTML 18Page - Renesas Technology Corp ZSSC3018 Datasheet HTML 19Page - Renesas Technology Corp ZSSC3018 Datasheet HTML 20Page - Renesas Technology Corp ZSSC3018 Datasheet HTML 21Page - Renesas Technology Corp ZSSC3018 Datasheet HTML 22Page - Renesas Technology Corp ZSSC3018 Datasheet HTML 23Page - Renesas Technology Corp ZSSC3018 Datasheet HTML 24Page - Renesas Technology Corp ZSSC3018 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
ZSSC3018 Datasheet
© 2020 Renesas Electronics Corporation
21
September 8, 2020
Figure 3.3 Operational Flow Chart: Power Up
Receive: Command
HV Operation
LV Operation
IC Power On
Power Down (switch off LV
and wait for command)
Save: IC ID / Data / Status
Color Legend:
Received CMD ID
== IC-ID
yes
no
IO_mode:=SPI
Execute: Data Fetch
Read_bit == 1
(Data Fetch)
yes
no
CommandMode
==active || Test==1
yes
no
Power up LV
Save: Setup / Data / Status
Power up LV
Power Down (switch off LV
and wait for command)
RST(SS)==1
yes
no
Execute: Data Fetch
NOP
yes
CommandMode
==active || Test==1
yes
no
no
Receive: Command
I2C Address /
CMD Valid?
IO_mode = I2C
yes
SS Pin Active?
Command:= load I/O setup
no
no
yes
I2C slave address is loaded, and
SS_polarity determines if SS pin is
active high or low
LV Operation
LV Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com